Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2528 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 13Page - STMicroelectronics AN2528 Datasheet HTML 14Page - STMicroelectronics AN2528 Datasheet HTML 15Page - STMicroelectronics AN2528 Datasheet HTML 16Page - STMicroelectronics AN2528 Datasheet HTML 17Page - STMicroelectronics AN2528 Datasheet HTML 18Page - STMicroelectronics AN2528 Datasheet HTML 19Page - STMicroelectronics AN2528 Datasheet HTML 20Page - STMicroelectronics AN2528 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AN2528
PCB layout
19/21
Appendix B
PCB layout
Figure 24.
PCB picture top view (components and copper)
Figure 25.
PCB picture top view components and bottom layer copper
T1
1
CSM 2010-104
CRAMER [sample]
U1
1
L6565
STMicroelectronics, Q-resonant SMPS controller
U2
1
TL431C
STMicroelectronics, Shunt Reference, 2,5 V, 1 to 100 mA
Table 3.
Bill of materials (continued)
Reference
Qty
Value/part number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com