Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN668 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 2Page - STMicroelectronics AN668 Datasheet HTML 3Page - STMicroelectronics AN668 Datasheet HTML 4Page - STMicroelectronics AN668 Datasheet HTML 5Page - STMicroelectronics AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AN668 APPLICATION NOTE
6/19
The most important features of PowerSO-20/36 are:
1) High power structure and process;
2) High current capability;
3) Miniaturization
4) Designed-in surface mount characteristics:
a] Handling;
b] Tape and reel packing;
c] Co-planarity;
d] Solder joint quality and inspection;
e] High reliability after soldering process.
5) Designed-in "hermeticity", for low failure rate (1
ppm).
2.
STRUCTURE AND CHARACTERISTICS
OF POWERSO-20/36
™.
In this section, design criteria listed in previous para-
graph are presented and discussed.
2.1 High power structure and process (>20 W)
The main feature of the power package structure is
the existence of a massive copper slug in the pack-
age onto which the silicon chip is soldered. Its func-
tion is twofold:
a) To provide a low thermal resistance path from
the chip to the external heatsink;
b)
To provide a large thermal capacitance, able to
absorb power peaks in switching conditions.
The slug of PowerSO-20/36, is optimized in order to
get a good compromise between miniaturization and
thermal performance. As a result of this work, Power-
SO-20 has the same junction to case thermal resis-
tance Rth(j-c) of Multiwatt package and the same
thermal impedance up to 0.5 sec. Therefore the
range of application exceeds 20 W, the same as for
traditional power packages.
Section 3 will present thermal design in detail. Here
we will recall the importance of the die attach pro-
cess, typical of power IC packages, which uses a
high melting temperature (300°C) tin based alloy.
The control of this process, in terms of solder thick-
ness and void reduction, is based on SPC methods
and has a CPK > 1.33.
2.2 High current capability (10-20 A)
At first glance, leads of the PowerSO-20/36 seem
very fragile, thin and not compatible with the high cur-
rents (10-20 A) associated with a large number of
power ICs, which require the utilization of large alu-
minum wires having a diameter ranging between
0.010 and 0.020 inch (0.25 to 0.5 mm).
Table 1 reports the comparison of PowerSO-20 with
insertion and surface mount Multiwatt and the follow-
ing considerations are possible:
1)
Electrical resistance of PowerSO-20 leads is
about 760
µΩ, i.e. it is equivalent to insertion
Multiwatt or better;
2)
Electrical resistance of PowerSO-20 leads is
worse than Surface Mount Multiwatt by a factor
of 1.3 to 2;
3)
In any case, lead resistance of PowerSO-20 is
much lower than the wire resistance. Wire re-
sistance is 450-1800
µΩ/mm and it must be
considered that the minimum wire length is 2.5
mm corresponding to 1150-4500
µΩ;
4)
If needed, two or more leads are short circuited
and different frame designs can be developed
providing flexible options (Figure 6). With mul-
tiple wire bonding, current capability can be
very large; for 45A current, if 3 leads are used
with 10 mil diameter, 3 mm long wires, electri-
cal resistance of the interconnection is about
2m
Ω.
Table 1. Electrical resistance data of PowerSO-20
and Multiwatt 15 leads
Copper resistivity : 1.9mW x cm
Aluminum wire resistance:
∅ 10 mils: 1800 mW / mm
∅ 20 mils: 450 mW / mm
Dimensions
(mm)
Multiwatt15
Insertion
Multiwatt15
Surf. Mount
PowerSO-20
Long lead
MW15
23x0.9x0.5
18x0.9x0.5
970
µΩ
–
–
760
µΩ
–
–
Short lead
MW15
14x0.9x0.5
9x0.9x0.5
590
µΩ
–
–
380
µΩ
–
–
Lead
PowerSO-20
5x0.5x0.25
–
–
760
µΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com