Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN668 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 2 Page - STMicroelectronics

  AN668 Datasheet HTML 1Page - STMicroelectronics AN668 Datasheet HTML 2Page - STMicroelectronics AN668 Datasheet HTML 3Page - STMicroelectronics AN668 Datasheet HTML 4Page - STMicroelectronics AN668 Datasheet HTML 5Page - STMicroelectronics AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AN668 APPLICATION NOTE
2/19
1)
They have still the traditional structure for in-
sertion and are mounted manually in the PCB,
with loss of time, productivity, floor space and
money;
2)
They force the use of wave soldering tech-
niques and are not compatible with reflow sol-
dering;
3)
They are not compatible with increasing need
of miniaturization of power systems.
The above points are so important that the develop-
ment of totally new power packages fitting the SMT
requirements is a clear demand of the industry and
can pay back the heavy effort needed in terms of
R&D, engineering and production resources.
1.1 INTERMEDIATE SOLUTIONS: INSERTION
PACKAGES CONVERTED TO SMT
The fastest answer to the requirement discussed
above is the adaptation of existing insertion packag-
es to obtain a kind of surface mount configuration.
This can be conveniently done by redesigning the
lead shape, as in the case of the surface mount Hep-
tawatt package (7 lead TO-220) shown in Figure 1
which was introduced in the market by STMicroelec-
tronics in 1989.
The package of Figure 1 is very attractive in terms of
capital expenditure and time to market; as a minor
modification of existing production line can provide
the surface mount version in a short development
time.
However, the experience of STMicroelectronics with
above solutions is not totally satisfactory, for a num-
ber of reasons:
Figure 1. HeptawattTM (surface mount) package
1)
HANDLING, which unlike all other surface
mount packages, is complicated by the struc-
ture, which is asymmetrical in two directions
(height and thickness). Existing pick and place
tools are not readily compatible with this struc-
ture, as well as the tape and reel packing;
2)
SIZE, which is basically the same as existing
insertion packages; therefore, is not the an-
swer to the demand of miniaturization of power
systems coming from almost all the applica-
tions: automotive, audio and industrial;
3)
COPLANARITY, which can become an issue
for 4-6 mm (0.16-0.24 inch) long leads. It must
be recalled that major coplanarity improvement
is obtained by reducing the lead length, down
to 1-2 mm (0.04-0.08 inch); this cannot be
readily obtained with Multiwatt, whose average
leadframe thickness is about 0.4 mm.
4)
RELIABILITY AFTER THE SOLDERING PRO-
CESS, due to the excess stress caused by the
high temperature (>215°C) even with "zero"
absorbed moisture at the large interface be-
tween slug and molded body, with consequent
delamination;
5)
INSPECTION OF THE SOLDERED JOINT be-
tween slug and substrate, as discussed in next
paragraph;
6)
LIMITED PIN COUNT 7, which is no longer
able to cover the requirements of advanced
smart power, needing more I/Os for the logic
circuitry.
Due to the above reasons, STMicroelectronics pre-
ferred to invest in new especially developed power
structures, with designed-in surface mount charac-
teristics. Moreover, due to the increasing demand of
quality, led by the automotive market, process and
materials were selected in order to obtain intrinsic
long term reliability and a very low failure rate, target-
ed at 1 ppm for early life.
1.2 NEW SOLUTIONS:
ORIGINAL STMicroelectronics PACKAGES
WITH DESIGN-IN SMT CHARACTERISTICS
The well understood dual-in-line configuration was
selected for the new housing (Figure 3), which does
not look very much different than the Small Outline
(SO) package; but, from high dissipation capability,
the main difference is the internal massive slug,
which provides the same thermal impedance as tra-
ditional insertion packages.In view of the larger pin
count needed for smart power products, a family of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com