Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN668 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 3 Page - STMicroelectronics

  AN668 Datasheet HTML 1Page - STMicroelectronics AN668 Datasheet HTML 2Page - STMicroelectronics AN668 Datasheet HTML 3Page - STMicroelectronics AN668 Datasheet HTML 4Page - STMicroelectronics AN668 Datasheet HTML 5Page - STMicroelectronics AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
AN668 APPLICATION NOTE
packages has been designed, covering from 20 to 36
leads. The well established concept of "variable pitch
in a fixed body" has been used, with 1.27 mm (0.05
inch), 1.0 mm, 0.8 mm and 0.65 mm.
The new family, named PowerSO, is Jedec regis-
tered as MO-166.
PowerSO-20 and PowerSO-36 are presented in this
technical note (Figure 3 & 4)
Figure 2. PowerSO-20 & PowerSO-36 packages
PowerSO-20
PowerSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com