Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN668 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 1 Page - STMicroelectronics

  AN668 Datasheet HTML 1Page - STMicroelectronics AN668 Datasheet HTML 2Page - STMicroelectronics AN668 Datasheet HTML 3Page - STMicroelectronics AN668 Datasheet HTML 4Page - STMicroelectronics AN668 Datasheet HTML 5Page - STMicroelectronics AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
AN668
APPLICATION NOTE
July 2001
1.
POWER DEVICES AND SURFACE MOUNTING
Use of Surface Mount Technology (SMT) has dramatically increased in the last 20 years, moving from consumer
to professional applications and serving highly demanding markets like telecom, industrial and automotive.
Major advantages expected from SMT are size reduction, automated board mounting, high reliability and cost
effectiveness; larger density of functions is achieved in smaller systems.
Evolution of SMT drove the development of several new packages for discrete and IC devices: SOT23,
SOT194, TO263, SO, PLCC, PQFP with many options in pin pitch, size and thickness.
All of them are compatible with the surface mount technique, based on fast picking and placing from tapes or
trays, followed by mass soldering. Mounting lines are almost totally automated, with high throughput and high
yield.
Only a few devices are not yet compatible with SMT principles: a few "exotic" components like large capacitors,
resistors, inductors, varistors, etc. and almost all the power semiconductor packages. Several drawbacks are
associated with existing power packages:
by P. Casati & C. Cognetti
A New High Power IC Surface Mount Package Family: PowerSO-20™
& PowerSO-36 Power IC Packaging from Insertion to Surface Mounting
A new, high power IC surface mount package family is
introduced in this note. It is called PowerSO family and
has the Jedec registration MO-166.
STMicroelectronics developed PowerSO in order to
answer the increasing demand of miniaturization and
quality in power applications. Automotive, industrial,
audio and telecom markets will take advantage of the
new package, by introducing the use of Surface Mount
Technology in the production of power systems.
PowerSO-20 and PowerSO-36 are the elements of the
MO-166 family having 20 leads at 0.050 inch pitch
(1.27 mm) and 36 leads at 0.026 inch pitch (0.65 mm)
respectively. These packages are in mass production
since 1995.
This note is intended to compare the PowerSO-20/36 with alternative surface mount solutions and to
the existing Multiwatt package, the well known "double TO-220" developed by STMicroelectronics in
late 70s.
Data presented here demonstrates that PowerSO-20 is the real successor of Multiwatt for surface mount
applications and is becoming a milestone in power package technology with PowerSO-36 as Multiwatt
did 20 years ago.
PowerSO-20
™ – Jedec Registration MO-166


Similar Part No. - AN668

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN668 SILABS-AN668 Datasheet
337Kb / 10P
PRECISION32??SOFTWARE DEVELOPMENT KIT CODE
More results

Similar Description - AN668

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5804CSM4 SEME-LAB-1N5804CSM4 Datasheet
16Kb / 1P
HIGH EFFICIENCY POWER RECTIFIER IN A CERAMIC SURFACE MOUNT PACKAGE
logo
Microsemi Corporation
UPR60E3-TR7 MICROSEMI-UPR60E3-TR7 Datasheet
107Kb / 4P
High Power Surface Mount Package
logo
Power Integrations, Inc...
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
LYTSwitch High Power LED Driver IC Family
LYT4317E POWERINT-LYT4317E Datasheet
2Mb / 20P
LYTSwitch High Power LED Driver IC Family
logo
STMicroelectronics
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
The SPC560Bx and SPC560Cx is a new family
17-Sep-2013
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
AN1453 STMICROELECTRONICS-AN1453 Datasheet
132Kb / 9P
NEW FAMILY OF 150V POWER SCHOTTKY
Jul-2001
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
Feb-2003
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
AN2777 STMICROELECTRONICS-AN2777 Datasheet
309Kb / 13P
A new high-temperature TRIAC family
24-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com