Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN668 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics AN668 Datasheet HTML 13Page - STMicroelectronics AN668 Datasheet HTML 14Page - STMicroelectronics AN668 Datasheet HTML 15Page - STMicroelectronics AN668 Datasheet HTML 16Page - STMicroelectronics AN668 Datasheet HTML 17Page - STMicroelectronics AN668 Datasheet HTML 18Page - STMicroelectronics AN668 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15/19
AN668 APPLICATION NOTE
3.5 HIGH POWER APPLICATIONS (UP TO
20W) WITH INSULATED METAL SUB-
STRATES - IMS
In the last few years, several Companies developed
the idea of a cost effective Insulated Metal Substrate
(IMS) having:
a)
A copper printed layer supported by an alumi-
num base, with epoxy or polyimide isolation in
between; or
b)
A flexible printed circuit (polyimide) glued onto
an aluminum base.
In both cases, the following conditions are offered:
a)
The substrate is compatible with standard SMT
processes, including infrared reflow soldering;
b)
It is compatible with passive and active devic-
es, including PowerSO-20/36;
c)
It has an acceptable thermal resistance loss
between the PowerSO-20/36 slug and the alu-
minum base, due to optimized thermal conduc-
tivity of the isolating layer;
d)
The aluminum baseplate has variable thick-
ness, up to 5 mm, in order to sink different
amounts of heat.
Utilization of IMS is considered for several applica-
tions both for automotive and industrial systems and
is particularly fruitful when associated with PowerSO-
20/36 packages (Figure 23)
Figure 23.
Thermal performance has been measured for both
substrates described above. The first result is related
to the contribution of isolation to the total thermal re-
sistance. When the footprint of Figure 14 is used,
with the 96 sq mm slug soldered onto a 155 sq mm
pattern, this contribution is about 0.5°C/W .
Therefore, the thermal resistance from the junction to
the aluminum baseplate ranges from 1.0 to 2.5°C/W
depending on the chip size.
For large dissipation, an external heat sink is applied
to the IMS by means of screws, bolts or rivets. The
total thermal resistance is obtained by adding the
heat sink resistance to the junction to baseplate re-
sistance (1.0-2.5°C/W).
This solution is capable of 20-25 W per device and if
a large sink is used, as massive parts existing in the
car, more than one device can be assembled on the
same ISM, thus obtaining a functional power sub-
system with several tens of Watt dissipation.
It is interesting to notice that the aluminum plate itself
has good dissipation properties to the ambient, de-
pending on its size.
The PowerSO-20/36 soldered onto a 40 mm square,
1.5 mm thick IMS shows a thermal resistance of 7°C/
W, for about 7 W dissipation.
3.6 HIGH POWER PULSES AND THERMAL
IMPEDANCE
In several applications, large power pulses are deliv-
ered by the device for a short time.
In this case, discussed in the STMicroelectronics pa-
per "Designing with Thermal Impedance" (Semith-
erm Conf. 1988), the quantity which rules the junction
temperature up to the time t0 is the thermal imped-
ance of the three different elements: silicon chip,
package slug and heatsink.
For pulse durations in the range of 0.1-1.0 sec, the
package slug has the strongest influence on the sys-
tem performance, depending on the associated ther-
mal
capacitance,
i.e.
the
capability
of
heat
accumulation.
In the presence of properly sized slugs with suitable
capacitance, it is possible to maintain a low junction
temperature for the switching time of most applica-
tions, which seldom exceeds 1 sec.
For popular power packages like TO-220 and Multi-
watt, the value of the thermal impedance in the first
second is lower than the value of Rth(j-c) in steady
state.
In order to compare the PowerSO-20/36 packages
with the insertion equivalent, Fig. 24 is very helpful. It
shows the thermal impedance of different packages
in the first second of the power pulse, in the same
conditions of power intensity and die size.
When similar comparisons are performed with medi-
um power "bat wing" SO, the enhancement provided
Copper
foil
Insulation
D94AN016
Aluminium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com