Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN668 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 3Page - STMicroelectronics AN668 Datasheet HTML 4Page - STMicroelectronics AN668 Datasheet HTML 5Page - STMicroelectronics AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics AN668 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
AN668 APPLICATION NOTE
2.3 Miniaturization
The whole story of microelectronics has been a con-
tinuous race towards smaller products. This is also
true for power systems.
The PowerSO-20 and PowerSO-36 offer excellent
possibilities in miniaturization, without compromising
power dissipation.
From Table 2, which compares the PowerSO-20 with
the surface mount version of Multiwatt, advantages in
terms of size, weight, height and volume are evident.
They range between 22 and 64% improvement.
Table 2. Miniaturization of PowerSO-20 vs Sur-
face Mount Multiwatt
2.4 Designed-in surface mount characteris-
tics
A] Handling
The PowerSO-20/36 structure is similar to the
SO outline, which was introduced more than 20
years ago in STMicroelecrtronics. Therefore, the
experience associated with the different aspects
of production, testing, burn-in and on board
mounting are quite solid.
Due to their optimized outline and reduced
weight, handling of the PowerSO-20/36 packag-
es does not present any particular problem and
is fully compatible with existing equipment.
B] Packing
Tube and Tape & Reel packing are both possible
with the PowerSO-20/36. Embossed cavity tape
has been produced with a special design, able to
minimize the mechanical effect of packing and
shipment on the lead coplanarity (Figure 6).
SM MW15L
PowerSO-20
Difference
footprint
(mm2)
320
227
-30%
height
(mm)
4.5
3.5
-22%
volume
(mm3)
1160
590
-49%
weight (gr)
5.6
1.9
-64%
Figure 5. Frame options for high current
D94IN001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com