Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN880 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN880 Datasheet HTML 2Page - STMicroelectronics AN880 Datasheet HTML 3Page - STMicroelectronics AN880 Datasheet HTML 4Page - STMicroelectronics AN880 Datasheet HTML 5Page - STMicroelectronics AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics AN880 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
charged and the circuit can restart immediately.
This method is suitable when the inverter uses
only one DC blocking capacitor connected to the
power ground, as used on figure 11 for Compact
Fluorescent Lamp. Pulling the VS voltage below
the UVLO turns off the oscillator and gives the
same bridge configuration.
For the L6569A, discharging the VS supply below
the UVLO turns off both MOSFETs. An SCR like
the X0202MA may be used for the reset function.
If the current flowing through the supply resistor is
higher than the SCR holding current (see figure
12), the SCR will remain on and the two MOS-
FETs off. Removing power or commutating the
SCR allows a new start up [4].
Otherwise a disable circuitry that turns off the two
MOSFETs (see figure13), can achieve the shut-
down function. Compared to the SCR solution,
the shutdown is immediate and the inverter can
restart on the disable order.
H.V.
L6569
Vs
200
200
100nF
5.6k
VS
BOOT
HVG
OUT
LVG
GND
CF
RF
VIN
DISABLE
HCF4011
22
4.7 k W
BC327
Figure 13: L6569 disable circuitry with both MOSFETs off.
L 6569A
Rs
R
R
C
shutdown
OFF
OFF
Figure 12: Shutdown with a thyristor & a serial resistor to slow down the supply voltage decay.
L 6569
ON
R
F
R
L
C
F
Figure 11: L6569 shutdown through the CF oscillator pin.
AN880 APPLICATION NOTE
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com