Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN880 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN880 Datasheet HTML 3Page - STMicroelectronics AN880 Datasheet HTML 4Page - STMicroelectronics AN880 Datasheet HTML 5Page - STMicroelectronics AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics AN880 Datasheet HTML 10Page - STMicroelectronics AN880 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
THE LAMP SEEN BY THE ELECTRONIC DE-
SIGNER
The lamp equivalent impedance
The compact fluorescent lamps are specified at
25 kHz (IEC 929). The MOSFETs and the L6569
allow to increase the switching frequency, but the
sensitivity of the lamp to the frequency needs to
be analyzed.
A few samples of the CF18DT/E lamp were
tested by varying the frequency and the current of
the lamp. The figure 14 shows the lamp imped-
ance versus its current as it varies from 0.1A to
0.23A with 5 frequencies from 25 to 150 kHz
(TAMB = 25°C).
From the tests the impedance appears insensitive
to the frequency for such lamps. The specified im-
pedance might be valid for higher frequency op-
eration. The relative lamp light output was meas-
ured as proposed in reference [5]. The light flux
increases slightly in that frequency range, but can
be considered constant.
Obviously the impedance is sensitive to the cur-
rent with a negative coefficient, and the ballast
operates with a non linear impedance [6]. When
current is half the nominal one, the impedance is
2.6 times higher, and the voltage is only 25%
higher (see figure 15).
The preheat
Preheat techniques are used in CFL ballasts to
reduce the ignition lamp voltage. During this
phase the lamp is characterized by a high imped-
ance that forces the electrical conduction through
the preheat filaments. These filaments initially
have a low resistance that will increase by 5 times
during the preheat. The preheat typically lasts
from 400 ms to 1 s, and is achieved by controlling
either the current or the voltage of the filaments.
For a current control the filaments are in series
with the resonant network as shown on figure
16a. When the inverter frequency is constant, a
positive temperature coefficient thermistor (PTC)
in parallel with the lamp achieves the task by ad-
justing both the filament current and the preheat
duration. The board uses a 150
Ω PTC with two
8.2 nF capacitors. The preheat lasts 0.8s and the
filament current is 0.45 Arms. The PTC is a cheap
device, but it is dissipative and works only once at
power-up.
The preheat can be achieved with a filament volt-
age control. The filaments are supplied by two
auxiliary windings of the resonant choke as
shown figure 17a. During the preheat the L6569
frequency is increased, and the choke operates
0.05
0.1
0.15
0.2
0.25
0.3
0
200
400
600
800
1000
1200
I lamp (A)
R lamp (Ohms)
25 kHz
50 kHz
100 kHz
150 kHz
Figure 14: Variation of the lamp impedance
versus its current for several
switching frequencies.
0.05
0.1
0.15
0.2
0.25
0
300
600
900
1200
0
50
100
150
200
I (A)
R (Ohms)
U (V)
Rlamp
Vlamp
Figure 15: Variation of the average impedance
and voltage of the lamp
E
If
I CTL
t
E=R.I²
(A)
(B)
I CTL
LAMP
Figure 16: Basic preheat current control diagram
(a); preheat filament energy curve (b)
AN880 APPLICATION NOTE
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com