Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN880 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 4 Page - STMicroelectronics

  AN880 Datasheet HTML 1Page - STMicroelectronics AN880 Datasheet HTML 2Page - STMicroelectronics AN880 Datasheet HTML 3Page - STMicroelectronics AN880 Datasheet HTML 4Page - STMicroelectronics AN880 Datasheet HTML 5Page - STMicroelectronics AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
The L6569A holds both MOSFETs OFF until the
Under Voltage Lock Out is reached. This is in-
tended for inverters using 2 decoupling capacitors
in half bridge as shown on figure 12. The inverter
is totally off, so that the voltage at the capacitors
center node is not unbalanced by the leakage
path during power on.
CONSIDERATIONS ON THE L6569 ENVIRON-
MENT
To illustrate the benefits of the L6569 in the CFL
applications, a demonstration board was devel-
oped to supply Sylvania 18W DULUX lamp (ref:
CF18DT/E). The following chapters summarize
the application considerations applied in this de-
sign. The schematic, lay out and components list
are shown in appendix A.
Symmetric half bridge operation
To supply a fluorescent lamp, the ballast has to
achieve 3 functions: pre heat, ignition, and normal
lamp operation. The serial resonance occurs be-
tween the choke and the capacitor in parallel with
the lamp. The choice of these components deter-
mines the lamp ignition voltage and the nominal
lamp current.
Since the inverter using the L6569 and MOSFETs
can operate at a higher frequency than conven-
tional solutions, the size of the passive compo-
nents will be reduced. Such inverter can operate
up to 150 kHz in ZVS mode, and the switching
losses of the power transistors only limits the fre-
quency. In new design this frequency should be
set between 50 and 100 kHz. For instance with
an 18W lamp, a frequency increase from 33 to 50
kHz will lead to a 40% reduction of the choke
size.
To operate in Zero Voltage Switching (ZVS), the
switching frequency is higher than the resonant
frequency. All operation phases of the ballast are
secure in this mode. When the bootstrap transis-
tor is conducting, no pulse current will flow from
pin BOOT to pin VS, as it might happen in Zero
Current Switching. The bootstrap transistor re-
mains in its Safe Operating Area, and its dissipa-
tion is negligible.
The MOSFET drive
The ZVS drive technique requires only a fast turn
off capability as shown on figure 2, and the tran-
sistor buffers are designed with a stronger sink
current. The two MOSFET buffers of the L6569
can sink a 400 mA peak current on capacitive
load. Typically these buffers can drive any MOS-
FETs in TO220 package.
Figure 7 shows an example with the STP8NA50
that has an 0.85
Ω resistance RDS-ON.
The built-in dead time circuit acts when a MOS-
FET turns off, delaying the turn on of the opposite
transistor for 1.25
µs. The voltage VOUT between
the 2 MOSFETs must switch within the minimum
dead time (0.85
µs), as shown on figure 8, to
avoid bridge cross conductions and transistors
overheat.
The MOSFET voltage selection
Since the ballast is connected to the ac mains, it
must handle any spurious voltage spikes. When
the front end RFI filter and the clamping device,
such as a varistor, absorbes totally the spike en-
ergy, MOSFETs can have the same 600V mini-
mum breakdown voltage BVDSS as the L6569.
Otherwise when the upper MOSFET is on, the re-
sidual default may be applied to the L6569. Al-
though the pin OUT breakdown voltage is higher
than 600V, it has a poor avalanche robustness.
Therefore the lower MOSFET protects the driver
by having a lower BVDSS. A MOSFET with a mini-
mum BVDSS up to 500V will achieve safely this
task.
50 ns/dv ; 1 A/dv ; 5 V/dv ; 50V/dv
VD
VGS
ID
GND
GND
GND
TGD
Tc
Figure 7: Current and voltage of the STP8NA50
MOSFET at turn off with the L6569.
TGD = 245 ns ,Tc = 95 ns, E = 93
µJ
@ Tj = 50°C, RG = 22
Ω.
200 ns/dv ; 50 V/dv ; 0.1 A/dv
RF
LVG
ID
VDS
TGD
TC
GND
GND
GND
TD
Figure 8: STD3NA50 MOSFET turn off when
driven by the L6569. TC + TGD < TD
AN880 APPLICATION NOTE
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com