Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN880 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 3 Page - STMicroelectronics

  AN880 Datasheet HTML 1Page - STMicroelectronics AN880 Datasheet HTML 2Page - STMicroelectronics AN880 Datasheet HTML 3Page - STMicroelectronics AN880 Datasheet HTML 4Page - STMicroelectronics AN880 Datasheet HTML 5Page - STMicroelectronics AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Typical industrial TL ballasts requires complex
control with dimming or automation interface.
Here the L6569 is a driver between the power
and control blocks. To use it with an external os-
cillator, pin CF is used as an 0-12V logic input,
and the L6569 becomes a high voltage buffer.
Applications with power above 150W require a full
bridge inverter. Figure 6 shows how two L6569
drive such a MOSFET bridge. If no external con-
trol is required, the first L6569 master can control
the switching with its oscillator, and synchronizes
the other driver as (slave).
The L6569 start up
Two versions of the L6569 are available with dif-
ferent start up characteristics. The L6569 drives
the lower MOSFET ON at power-up until the sup-
ply voltage reaches the Under Voltage Lock Out.
The bootstrap capacitor is precharged to 4.6V
and both the lower and the upper MOSFETs will
switch immediately with the oscillator. This is in-
tended for inverters which use only one DC block-
ing capacitor connected to the power ground, as
shown on figure 4 for CFL ballast.
CHARGE PUMP CIRCUIT
LOGIC
L6569
600V
120
Ω
ON
15.6 V
ON
Figure 5: Bootstrap capacitor charge.
L6569
47
47
EXTERNAL
OSCILLATOR
STB9NK50Z
100nF
VS
VS
HV
RF
CF
GND
D02IN1386
L6569
47
47
100nF
VS
BOOT
HVG
OUT
LVG
BOOT
HVG
OUT
LVG
RF
CF
GND
Figure 6: Basic diagram for 2x105 W lamp ballast in full bridge configuration.
AN880 APPLICATION NOTE
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com