Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3500 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 22Page - Microchip Technology USB3500 Datasheet HTML 23Page - Microchip Technology USB3500 Datasheet HTML 24Page - Microchip Technology USB3500 Datasheet HTML 25Page - Microchip Technology USB3500 Datasheet HTML 26Page - Microchip Technology USB3500 Datasheet HTML 27Page - Microchip Technology USB3500 Datasheet HTML 28Page - Microchip Technology USB3500 Datasheet HTML 29Page - Microchip Technology USB3500 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
USB3500
DS00002103A-page 26
2005 - 2016 Microchip Technology Inc.
6.2
OPMODES
The OPMODE[1:0] pins allow control of the operating modes.
The OPMODE[1:0] signals are normally changed only when the transmitter and the receiver are quiescent, i.e. when
entering a test mode or for a device initiated resume.
When using OPMODE[1:0] = 10, the SYNC and EOP patterns are not transmitted.
The only exception to this is when OPMODE[1:0] is set to 10 while TXVALID has been asserted (the transceiver is trans-
mitting a packet), in order to flag a transmission error. In this case, the USB3500 has already transmitted the SYNC
pattern so upon negation of TXVALID the EOP must also be transmitted to properly terminate the packet. Changing the
OPMODE[1:0] signals under all other conditions (while the transceiver is transmitting or receiving data) will generate
undefined results.
6.3
Test Mode Support
6.4
SE0 Handling
For FS operation, IDLE is a J state on the bus. SE0 is used as part of the EOP or to indicate reset. When asserted in
an EOP, SE0 is never asserted for more than 2 bit times. The assertion of SE0 for more than 2.5us is interpreted as a
reset by the device operating in FS mode.
For HS operation, IDLE is a SE0 state on the bus. SE0 is also used to reset a HS device. A HS device cannot use the
2.5us assertion of SE0 (as defined for FS operation) to indicate reset since the bus is often in this state between packets.
If no bus activity (IDLE) is detected for more than 3ms, a HS device must determine whether the downstream facing
port is signaling a suspend or a reset. The following section details how this determination is made. If a reset is signaled,
the HS device will then initiate the HS Detection Handshake protocol.
TABLE 6-3:
OPERATIONAL MODES
Mode[1:0]
State Name
Description
00
Normal Operation
Transceiver operates with normal USB data encoding and decoding
01
Non-Driving
Allows the transceiver logic to support a soft disconnect feature which tri-
states both the HS and FS transmitters, and removes any termination from
the USB making it appear to an upstream port that the device has been
disconnected from the bus
10
Disable Bit Stuffing
and NRZI encoding
Disables bitstuffing and NRZI encoding logic so that 1's loaded from the DATA
bus become 'J's on the DP/DM and 0's become 'K's
11
Reserved
N/A
TABLE 6-4:
USB 2.0 TEST MODES
USB 2.0 Test Modes
USB3500 Setup
Operational Mode
Link Transmitted Data
XCVRSELECT &
TERMSELECT
SE0_NAK
State 0
No transmit
HS
J
State 2
All '1's
HS
K
State 2
All '0's
HS
Test_Packet
State 0
Test Packet data
HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com