Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3500 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 23Page - Microchip Technology USB3500 Datasheet HTML 24Page - Microchip Technology USB3500 Datasheet HTML 25Page - Microchip Technology USB3500 Datasheet HTML 26Page - Microchip Technology USB3500 Datasheet HTML 27Page - Microchip Technology USB3500 Datasheet HTML 28Page - Microchip Technology USB3500 Datasheet HTML 29Page - Microchip Technology USB3500 Datasheet HTML 30Page - Microchip Technology USB3500 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002103A-page 27
USB3500
6.5
Reset Detection
If a device in HS mode detects bus inactivity for more than 3ms (T1), it reverts to FS mode. This enables the FS pull-up
on the DP line in an attempt to assert a continuous FS J state on the bus. The Link must then check LINESTATE for the
SE0 condition. If SE0 is asserted at time T2, then the upstream port is forcing the reset state to the device (i.e., a Driven
SE0). The device will then initiate the HS detection handshake protocol.
FIGURE 6-1:
RESET TIMING BEHAVIOR (HS MODE)
TABLE 6-5:
RESET TIMING VALUES (HS MODE)
Timing Parameter
Description
Value
HS Reset T0
Bus activity ceases, signaling either a reset or
a SUSPEND.
0 (reference)
T1
Earliest time at which the device may place
itself in FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS Reset T0 +
3.125ms
T2
Link samples LINESTATE. If LINESTATE =
SE0, then the SE0 on the bus is due to a Reset
state. The device now enters the HS Detection
Handshake protocol.
T1 + 100µs < T2 <
T1 + 875µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com