Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3500 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 31Page - Microchip Technology USB3500 Datasheet HTML 32Page - Microchip Technology USB3500 Datasheet HTML 33Page - Microchip Technology USB3500 Datasheet HTML 34Page - Microchip Technology USB3500 Datasheet HTML 35Page - Microchip Technology USB3500 Datasheet HTML 36Page - Microchip Technology USB3500 Datasheet HTML 37Page - Microchip Technology USB3500 Datasheet HTML 38Page - Microchip Technology USB3500 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002103A-page 35
USB3500
6.13
HS Device Attach
Figure 6-8 demonstrates the timing of the USB3500 control signals during a device attach event. When a HS device is
attached to an upstream port, power is asserted to the device and the device sets XCVRSELECT and TERMSELECT
to FS mode (time T1).
VBUS is the +5V power available on the USB cable. Device Reset in Figure 6-8 indicates that VBUS is within normal oper-
ational range as defined in the USB 2.0 specification. The assertion of Device Reset (T0) by the upstream port will ini-
tialize the device. By monitoring LINESTATE, the Link state machine knows to set the XCVRSELECT and
TERMSELECT signals to FS mode (T1).
The standard FS technique of using a pull-up resistor on DP to signal the attach of a FS device is employed. The Link
must then check the LINESTATE signals for SE0. If LINESTATE = SE0 is asserted at time T2 then the upstream port is
forcing the reset state to the device (i.e. Driven SE0). The device will then reset itself before initiating the HS Detection
Handshake protocol.
FIGURE 6-8:
DEVICE ATTACH BEHAVIOR
TABLE 6-11:
ATTACH AND RESET TIMING VALUES
Timing Parameter
Description
Value
T0
Vbus Valid.
0 (reference)
T1
Maximum time from Vbus valid to when the device must
signal attach.
T0 + 100ms < T1
T2
(HS Reset T0)
Debounce interval. The device now enters the HS
Detection Handshake protocol.
T1 + 100ms < T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com