Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3500 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 33Page - Microchip Technology USB3500 Datasheet HTML 34Page - Microchip Technology USB3500 Datasheet HTML 35Page - Microchip Technology USB3500 Datasheet HTML 36Page - Microchip Technology USB3500 Datasheet HTML 37Page - Microchip Technology USB3500 Datasheet HTML 38Page - Microchip Technology USB3500 Datasheet HTML 39Page - Microchip Technology USB3500 Datasheet HTML 40Page - Microchip Technology USB3500 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
2005 - 2016 Microchip Technology Inc.
DS00002103A-page 37
USB3500
At T2, the Host has detected the FS device attached to the USB bus. At this time the Host will reset the bus by driving
a SE0. The SE0 is created by switching to HS Mode and activating the HS termination by de-asserting Termselect. The
45 ohm high speed terminations pull the bus to SE0.
At T3, the Device will respond to the SE0 by driving a “Device Chirp K” onto the bus. The “Device Chirp K” is driven with
Opmode = 10b so that bitstuffing and NRZI encoding is disabled.
During T3 the HS host will see the “Device Chirp K” and prepare to respond to the device by setting Opmode = 10b to
disable the bitstuffing and NRZI encoding.
At T4, the Device will stop driving a the Chirp K, letting the bus return to SE0, and wait for the Host to respond. The
device removes the K by de-asserting Txvalid. The device will have driven the K for a minimum of 1mS. The Host sees
the linestate change from K to SE0.
At T5, the host begins transmitting K-J pairs to the device. Each K or J is 40-60uS long and the K-J pairs are repeated
for the remainder of the 10mS USB reset.
At T6, the device has detected 3 K-J pairs. The device switches the Termselect low and changes Opmode to 00b. The
device is now in high speed and waits for the first SOF packet from the upstream host. When Termselect is de-asserted,
the HS termination is activated which lowers the amplitude of the K-J pairs.
At T7, the host ends the K-J pairs and switches to normal HS mode by changing Opmode to 00b.
At T8, the Host sends the first SOF packet. This is done by putting the SOF PID 0xA5 on the data bus and asserting
Txvalid. The link transfers the SOF packet. After, the SOF packet a normal high speed USB session started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com