Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3500 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3500 Datasheet HTML 11Page - Microchip Technology USB3500 Datasheet HTML 12Page - Microchip Technology USB3500 Datasheet HTML 13Page - Microchip Technology USB3500 Datasheet HTML 14Page - Microchip Technology USB3500 Datasheet HTML 15Page - Microchip Technology USB3500 Datasheet HTML 16Page - Microchip Technology USB3500 Datasheet HTML 17Page - Microchip Technology USB3500 Datasheet HTML 18Page - Microchip Technology USB3500 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002103A-page 15
USB3500
TABLE 4-7:
OTG ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
SessEnd trip point
VSessEnd
0.2
0.5
0.8
V
SessVld trip point
VSessVld
0.8
1.4
2.0
V
VBUSVld trip point
VVbusVld
4.4
4.58
4.75
V
Vbus Pull-Up
RVbusPu
Vbus to VDD3.3
(CHRGVBUS = 1)
281
340
Ω
Vbus Pull-down
RVbusPd
Vbus to GND
(DISCHRGVBUS = 1)
656
850
Ω
Vbus Impedance
RVbus
Vbus to GND
40
75
100
kΩ
ID pull-up resistance
RIdPullUp
(IDOULLUP = 1)
80
100
120
kΩ
ID pull-up resistance
RId
(IDPULLUP = 0)
1
MΩ
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified.
TABLE 4-8:
REGULATOR OUTPUT VOLTAGES
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
VDDA1.8
VDDA1.8
Normal Operation
(SUSPENDN = 1)
1.6
1.8
2.0
V
VDDA1.8
VDDA1.8
Low Power mode
(SUSPENDN = 0)
0V
VDD1.8
VDD1.8
1.6
1.8
2.0
V
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = 0C to +70C; unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com