Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3500 Datasheet(PDF) 5 Page - Microchip Technology

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3500 Datasheet(HTML) 5 Page - Microchip Technology

  USB3500 Datasheet HTML 1Page - Microchip Technology USB3500 Datasheet HTML 2Page - Microchip Technology USB3500 Datasheet HTML 3Page - Microchip Technology USB3500 Datasheet HTML 4Page - Microchip Technology USB3500 Datasheet HTML 5Page - Microchip Technology USB3500 Datasheet HTML 6Page - Microchip Technology USB3500 Datasheet HTML 7Page - Microchip Technology USB3500 Datasheet HTML 8Page - Microchip Technology USB3500 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
 2005 - 2016 Microchip Technology Inc.
DS00002103A-page 5
USB3500
The USB3500 uses Microchip’s advanced proprietary technology to minimize power dissipation, resulting in maximized
battery life in portable applications.
1.1
Applications
The USB3500 is targeted for any application where a hi-speed USB connection is desired.
The USB3500 is well suited for:
• Cell Phones
• MP3 Players
• Scanners
• Printers
• External Hard Drives
• Still and Video Cameras
• Portable Media Players
• Entertainment Devices
1.2
Reference Documents
• Universal Serial Bus Specification, Revision 2.0, April 27, 2000
• USB 2.0 Transceiver Macrocell Interface (UTMI) Specification, Version 1.02, May 27, 2000
• On-The-Go Supplement to the USB 2.0 Specification, Revision 1.0a, June 24, 2003
• UTMI+ Specification, Revision 1.0, February 2, 2004
FIGURE 1-2:
UTMI+ LEVEL 3 SUPPORT
UTMI+ Level 0
USB2.0 Peripherals Only
USB3500
UTMI+ Level 3
USB2.0 Peripheral, host controllers, On-the-
Go devices
(HS, FS, LS, preamble packet)
UTMI+ Level 2
USB2.0 Peripheral, host controllers, On-
the-Go devices
(HS, FS, and LS but no preamble packet)
UTMI+ Level 1
USB2.0 Peripheral, host controllers, and
On-the-Go devices
(HS and FS Only)
USB3280
USB3250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com