Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7680 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 2 Page - Exar Corporation

  MP7680 Datasheet HTML 1Page - Exar Corporation MP7680 Datasheet HTML 2Page - Exar Corporation MP7680 Datasheet HTML 3Page - Exar Corporation MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7680
2
Rev. 3.10
Figure 1. Simplified
Block Diagram
12-Bit
Latch
DAC D
8-Bit Latch
4-Bit Latch
DAC Latches
Control
Input Latches
Control
MUX
0
1
12-Bit
Latch
DAC C
8-Bit Latch
4-Bit Latch
12-Bit
Latch
DAC B
8-Bit Latch
4-Bit Latch
12-Bit
Latch
DAC A
8-Bit Latch
4-Bit Latch
1
8
A1 A0
DGND AGND
8
4
4
DB11 - DB4
(MSB)
DB3 - DB0
(LSB)
B1/B2
8
4
DVDD AVDD
RFBA
RFBB
RFBC
RFBD
IOUT1A
IOUT2A
IOUT1B
IOUT2B
IOUT1C
IOUT2C
IOUT1D
IOUT2D
VREFA
VREFB
VREFC
VREFD
CS WR2
XFER WR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com