Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7680 Datasheet(PDF) 10 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation MP7680 Datasheet HTML 10Page - Exar Corporation MP7680 Datasheet HTML 11Page - Exar Corporation MP7680 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP7680
10
Rev. 3.10
Transferring
Data to the DAC Latches
Once one or all of the input latches have been loaded, the
condition XFER = WR2= low transfers the content of ALL
the input latches in the DAC latches. The output of the
DAC latches (DA11-DA0) changes and the DAC current
(IOUT) will reach a new stable value within the settling time
tS (Figure 6. ).
Examples of DACs updating sequences:
1) Simultaneous updates of any number of DACs. The
system uses from one (two) to four (eight) cycles to
write from a 12 (8) bit bus into B1/B2 latches. One
transfer cycle updates the output of all DACs
(Figure 7. )
2) Individual DAC update. The condition WR2 = XFER =
low makes the DAC latches transparent. A writing to
the B1/B2 latches updates the DAC outputs (Figure 8. ).
3) Automatic transfer to DAC latches. An 8-bit bus can
update any DAC with two cycles by connecting WR1 =
WR2 and B1/B2= XFER. This is the correct individual
DAC update for 8-bit busses (Figure 9. ).
4) Transfer by a second device. A processor may load the
input latches while the final XFER pulse is left to an-
other device.
DATA
CS
WR1
Figure 7. Simultaneous
Updates
of DACs
XFER=WR2
= 0
= 1
= 2
= 3
Valid
Valid
Valid
Valid
A0, A1
IOUT1A, B, C, D
CS
DATA
WR1
WR2 = XFER
= 1
= 3
Figure 8. Individual
DAC Update
Valid
Valid
A1, A0
IOUT1B
IOUT1D
CS
WR1 and WR2
Figure 9. Automatic
Transfer to DAC Latches
= 1
= 2
B1/B2 and XFER
A1, A0
IOUTB
IOUTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com