Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7680 Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 4 Page - Exar Corporation

  MP7680 Datasheet HTML 1Page - Exar Corporation MP7680 Datasheet HTML 2Page - Exar Corporation MP7680 Datasheet HTML 3Page - Exar Corporation MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7680
4
Rev. 3.10
1
NC
No Connection
2
VREFA
Reference Input for DAC A
3
RFBA
Feedback Resistor for DAC A
4
IOUT1A
Current Output A
5
IOUT2A
Complement of Output A
6
NC
No Connection
7
IOUT2B
Complement of Output B
8
IOUT1B
Current Output B
9
RFBB
Feedback Resistor for DAC B
10
VREFB
Reference Input for DAC B
11-
DB11 to Input Data Bits 11 (MSB) to 6
16
DB6
17
NC
No Connection
18-
DB5-
Input Data Bits 5 to 0 (LSB)
23
DB0
24
VREFC
Reference input for DAC C
25
RFBC
Feedback Resistor for DAC C
26
IOUT1C
Current Output C
27
IOUT2C
Complement of Output C
28
NC
No Connection
29
IOUT2D
Complement of Output D
30
IOUT1D
Current Output D
31
RFBD
Feedback Resistor for DAC D
32
VREFD
Reference input for DAC D
33
AGND
Analog Ground
34
DGND
Digital Ground
35
AVDD
Analog Power Supply
36
DVDD
Digital Power Supply
37
B1/B2
Select Input Format (8/4 or 12 bits in)
38
A0
DAC Address Bit 0
39
NC
No Connection
40
A1
DAC Address Bit 1
41
XFER
Transfer: Updates all DAC’s
42
WR2
Write 2: Gates the XFER Function
43
WR1
Write 1: Gates the DAC Selection
44
CS
Chip Select
PIN DESCRIPTION
1
A1
DAC Address Bit 1
2
XFER
Transfer: Updates all DAC’s
3
WR2
Write 2: Gates the XFER Function
4
WR1
Write 1: Gates the DAC Selection
5
CS
Chip Select
6
NC
No Connection
7
VREFA
Reference Input for DAC A
8
RFBA
Feedback Resistor for DAC A
9
IOUT1A
Current Output A
10
IOUT2A
Complement of Output A
11
IOUT2B
Complement of Output B
12
IOUT1B
Current Output B
13
RFBB
Feedback Resistor for DAC B
14
VREFB
Reference Input for DAC B
15 -
DB11 to Input Data Bits 11 (MSB) to 0 (LSB)
26
DB0
27
VREFC
Reference input for DAC C
28
RFBC
Feedback Resistor for DAC C
29
IOUT1C
Current Output C
30
IOUT2C
Complement of Output C
31
IOUT2D
Complement of Output D
32
IOUT1D
Current Output D
33
RFBD
Feedback Resistor for DAC D
34
VREFD
Reference input for DAC D
35
AGND
Analog Ground
36
DGND
Digital Ground
37
AVDD
Analog Power Supply
38
DVDD
Digital Power Supply
39
B1/B2
Select Input Format (8/4 or 12 bits in)
40
A0
DAC Address Bit 0
40 Pin PDIP , CDIP
PIN NO.
NAME
DESCRIPTION
PIN NO.
NAME
DESCRIPTION
44 Pin PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com