Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7680 Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7680 Datasheet HTML 2Page - Exar Corporation MP7680 Datasheet HTML 3Page - Exar Corporation MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation MP7680 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP7680
6
Rev. 3.10
ELECTRICAL
CHARACTERISTICS
(CONT’D)
25
°C
Tmin to Tmax
Notes:
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed
but not production
tested.
3
See timing diagram (Figure 2.).
4
DV DD and AVDD are connected
through the silicon substrate.
Connect
together at the package.
DC voltage differences
will cause undesirable
internal currents.
Specifications
are subject to change
without
notice
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
POWER
SUPPL Y 4
Functional Voltage Range
VDD
4.5
5.5
4.5
5.5
V
Supply Current
IDD
2
2
mA
Digital inputs = VIL or VIH
1
1
mA
Digital inputs = 0 or 5 V
TIMING CHARACTERISTICS
2 , 3
Write Pulse Width
tWR
75
85
ns
Chip Select Set-Up Time
tCS
100
120
ns
Address Set-Up Time
tAS
100
120
ns
Chip Select and Address Hold
tH
0
0
ns
Time
Latch Select Set-Up Time
tBS
120
150
ns
Latch Select Hold Time
tBH
10
15
ns
Data Valid Set-Up Time
tDS
100
120
ns
Data Valid Hold Time
tDH
0
0
ns
Transfer Pulse Width
tXFER
65
75
ns
Write Cycle (per DAC)
tWC
175
200
ns
ABSOLUTE
MAXIMUM
RA TINGS
(TA = +25
°C unless otherwise noted) 1, 2
VDD to AGND
-0.5 to +7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD to DGND
-0.5 to +7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage to DGND
GND -0.5 to VDD +0.5 V
. . . .
Any IOUT1, IOUT2 to AGND
GND -0.5 to VDD +0.5 V
. . . . . . .
Any VREF to AGND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality Guaranteed +0.5 V)
Any VRFB to AGND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
-65°C to +150°C
. . . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds)
+300°C
. . . . . . .
Package Power Dissipation Rating to 75°C
CDIP, PDIP, PQFP
800mW
. . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75°C
11mW/°C
. . . . . . . . . . . . . . . . . . . . .
Notes:
1
Stresses
above those listed under “Absolute
Maximum
Ratings” may cause permanent
damage to the device.
This is a
stress rating only and functional
operation
at or above this specification
is not implied.
Exposure
to maximum
rating
conditions
for extended
periods may affect device reliability .
2
Any input pin which can see a value outside the absolute
maximum
ratings should be protected
by Schottky
diode clamps
(HP5082-2835)
from input pin to the supplies.
All inputs have protection
diodes which will protect the device from short
transients
outside the supplies of less than 100mA for less than 100
ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com