Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7680 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 1 Page - Exar Corporation

  MP7680 Datasheet HTML 1Page - Exar Corporation MP7680 Datasheet HTML 2Page - Exar Corporation MP7680 Datasheet HTML 3Page - Exar Corporation MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7680
Rev. 3.10
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 z (510) 668-7000 z (510) 668-7017
E
1998
FEA TURES
· Exar Pioneered Segmented DAC Approach
· Four Double-Buffered 12-bit DACs on a Single Chip
· Independent Reference Inputs
· Lowest Gain Error in a Multiple DAC Chip
· Guaranteed Monotonic
· TTL/5 V CMOS Compatible Inputs
· Industry Standard Digital Interface
· Four Quadrant Multiplication
· Latch-Up Free
5 V CMOS 12-Bit
Quad Double-Buffered Multiplying
Digital-to-Analog Converter
BENEFITS
· Reduced Board Space; Lower System Cost.
· Independent Control of DACs
· Excellent DAC-to-DAC Matching and Tracking
APPLICA TIONS
· Function Generators
· Automatic Test Equipment
· Precision Process Controls
· Recording Studio Control Boards
June 2000-2
GENERAL
DESCRIPTIONS
The MP7680 and the integrate four 12-bit four-quadrant-
multiplying DACs with independent reference inputs and
excellent matching characteristics. The MP7680 grades
offer 1/2, 1 and 2 LSB of relative accuracy. The superior
offers a low 2 LSB of gain error.
Each DAC has double-buffering (an 8 and 4-bit latch and
a 12-bit latch) between the data bus (DB11 - DB0) and the
DAC. The internal 4-bit mux allows the use of 8 or 16-bit
buses. The flexible latch control logic allows to update
one or more DACs simultaneously.
ORDERING
INFORMA TION
Package
Type
Temperature
Range
Part No.
PQFP
PQFP
Plastic Dip
Plastic Dip
-40 to +85°°C
MP7680JE
-40 to +85°°C
MP7680KE
-40 to +85°°C
-40 to +85°°C
MP7680JN
MP7680KN
+2
+4
+1
+2
+2
+4
+1
+2
+16
+16
+16
+16
INL
(LSB)
Gain Error
(LSB)
DNL
(LSB)


Similar Part No. - MP7680

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JN EXAR-MP7682JN Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JS EXAR-MP7682JS Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KN EXAR-MP7682KN Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KS EXAR-MP7682KS Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
More results

Similar Description - MP7680

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com