Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7680 Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7680
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680 Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7680 Datasheet HTML 4Page - Exar Corporation MP7680 Datasheet HTML 5Page - Exar Corporation MP7680 Datasheet HTML 6Page - Exar Corporation MP7680 Datasheet HTML 7Page - Exar Corporation MP7680 Datasheet HTML 8Page - Exar Corporation MP7680 Datasheet HTML 9Page - Exar Corporation MP7680 Datasheet HTML 10Page - Exar Corporation MP7680 Datasheet HTML 11Page - Exar Corporation MP7680 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP7680
9
Rev. 3.10
Table 1. DAC Selection
A 0
A 1
SELECTED
DAC
0
1
0
1
0
0
1
1
A
B
C
D
An 8-bit bus must use two cycles. The second cycle is
like the first one with the difference that B1/B2 = low
(Figure 5. ) During the second cycle the condition B1/B2 =
low muxes DB11-DB8 to the B2 latches (Figure 3. ).
Two important notes:
1) Timing diagrams show the inputs CS, A1, A0,
DB11-DB0 to be stable during the entire writing cycle.
In reality all the above signals can change (Figure 4. )
as long as they meet the timing conditions specified in
the Electrical Characteristic Table.
2) Only 16-bit bus cycles are shown in the next few exam-
ples of interface timing. It is possible to generate an
8-bit interface timing by replacing a single 12-bit write
cycle (Figure 4. ) with a double 8-bit write cycles
(Figure 5. ) 8-bit applications should ground inputs
DB3-DB0.
DATA
CS
WR1
B1/B2
Figure 4. 12 Bit W rite Cycle
or
Figure 5. 8-Bit Double W rite Cycle
WR1
CS
B1/B2
DATA
High
High
to B1
to B2
to B1 & B2
A1, A0
A1, A0
WR2
XFER
DA11-0
or
Figure 6. Transfer Cycles from Input Latches
to DAC Latches
or
IOUT
tS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com