Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE139N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE139N65M5
Description  N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE139N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STE139N65M5 Datasheet HTML 2Page - STMicroelectronics STE139N65M5 Datasheet HTML 3Page - STMicroelectronics STE139N65M5 Datasheet HTML 4Page - STMicroelectronics STE139N65M5 Datasheet HTML 5Page - STMicroelectronics STE139N65M5 Datasheet HTML 6Page - STMicroelectronics STE139N65M5 Datasheet HTML 7Page - STMicroelectronics STE139N65M5 Datasheet HTML 8Page - STMicroelectronics STE139N65M5 Datasheet HTML 9Page - STMicroelectronics STE139N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STE139N65M5
6/13
DocID025117 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Normalized VDS vs temperature
Figure 7. Static drain-source on-resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
100µs
1ms
10µs
Tj=150°C
Tc=25°C
Single pulse
10ms
AM15995v1
ID
150
100
50
0
0
10
VDS(V)
(A)
5
15
200
250
5V
6V
8V
VGS=10V
300
7V
20
25
AM16793v2
ID
150
100
50
0
4
VGS(V)
6
(A)
3
5
7
200
250
300
VDS=30 V
89
AM16794v2
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1
RDS(on)
0.012
0.011
0
40
ID(A)
(
Ω)
20
60
0.013
VGS=10V
80
0.014
0.015
100
0.016
AM12613V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com