Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE139N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE139N65M5
Description  N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE139N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE139N65M5 Datasheet HTML 5Page - STMicroelectronics STE139N65M5 Datasheet HTML 6Page - STMicroelectronics STE139N65M5 Datasheet HTML 7Page - STMicroelectronics STE139N65M5 Datasheet HTML 8Page - STMicroelectronics STE139N65M5 Datasheet HTML 9Page - STMicroelectronics STE139N65M5 Datasheet HTML 10Page - STMicroelectronics STE139N65M5 Datasheet HTML 11Page - STMicroelectronics STE139N65M5 Datasheet HTML 12Page - STMicroelectronics STE139N65M5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STE139N65M5
10/13
DocID025117 Rev 1
Table 8. ISOTOP mechanical data
Dim.
mm
Min.
Typ.
Max.
A
11.80
12.20
A1
8.90
9.10
B7.80
8.20
C0.75
0.85
C2
1.95
2.05
D
37.80
38.20
D1
31.50
31.70
E
25.15
25.50
E1
23.85
24.15
E2
24.80
G
14.90
15.10
G1
12.60
12.80
G2
3.50
4.30
F4.10
4.30
F1
4.60
5
φP4
4.30
P1
4
4.40
S
30.10
30.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com