Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE16M31 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 57Page - STMicroelectronics STMPE16M31 Datasheet HTML 58Page - STMicroelectronics STMPE16M31 Datasheet HTML 59Page - STMicroelectronics STMPE16M31 Datasheet HTML 60Page - STMicroelectronics STMPE16M31 Datasheet HTML 61Page - STMicroelectronics STMPE16M31 Datasheet HTML 62Page - STMicroelectronics STMPE16M31 Datasheet HTML 63Page - STMicroelectronics STMPE16M31 Datasheet HTML 64Page - STMicroelectronics STMPE16M31 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
STMPE16M31, STMPE24M31
Touch sensor controller
Doc ID 16174 Rev 4
61/85
RATIO_ENG_SET
Ratio engine setup register
Address:
0x80
Type:
RW
Reset:
0x00
Description:
Operation setup of ratio engine.
76
543
210
RESERVED
DATAMODE
RE2FilterEn
RE1FilterEn
CFG2
CFG2
EN2
EN1
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7] RESERVED
[6] DATAMODE
Setting of data presentation
‘1’ to display 1 byte position data in the first byte of RE1_POS and RE2_POS continuously. The
old data will be overwritten. In this mode, when touch is detected in the slider, interrupt is issued
and host can read the data in its own rate. Only position data is available (8 bits), movement
and time-stamp data are not available.
‘0’ to enable data-buffering. Position, movement and time-stamp are available.
[5] RE2FilterEn
Ratio engine 2 noise filter
‘1’ to enable the filter
‘0’ to disable the filter
[4] RE1FilterEn
Ratio engine 1 noise filter
‘1’ to enable the filter
‘0’ to disable the filter
[3] CFG2
Ratio engine 2 setting
‘1’ for rotator/wheel configuration
‘0’ for linear/slider configuration
[2] CFG1
Ratio engine 1 setting
‘1’ for rotator/wheel configuration
‘0’ for linear/slider configuration
[1] EN2
‘1’ to enable ratio engine 2
‘0’ to enable ratio engine 1
[0] EN1
‘1’ to enable ratio engine 2
‘0’ to enable ratio engine 1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com