Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE16M31 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 47Page - STMicroelectronics STMPE16M31 Datasheet HTML 48Page - STMicroelectronics STMPE16M31 Datasheet HTML 49Page - STMicroelectronics STMPE16M31 Datasheet HTML 50Page - STMicroelectronics STMPE16M31 Datasheet HTML 51Page - STMicroelectronics STMPE16M31 Datasheet HTML 52Page - STMicroelectronics STMPE16M31 Datasheet HTML 53Page - STMicroelectronics STMPE16M31 Datasheet HTML 54Page - STMicroelectronics STMPE16M31 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
STMPE16M31, STMPE24M31
Touch sensor controller
Doc ID 16174 Rev 4
51/85
13.4
Locked impedance
Locked impedance is data available in channel data the moment 0x06 is written into
“channel data type register”. Writing a different value into the “channel data type register”
allows the locked impedance to be refreshed.
In actual application, software writes 0x06, reads locked impedance, writes 0x00, writes
0x06, and reads the next set of data.
For data type 0x04-0x05, data are constantly being refreshed, even as it is being accessed.
If accessed slowly, the full set of data may have been sampled at significantly different time.
13.5
Calibration
Calibration event is performed in every period which is programmable from the calibration
interval register (0x76). In each calibration event, 8 impedance samples are collected and
averaged. The time period between samples is programmable from CAL_MOD (model
register (0x77).
Figure 16.
Calibration
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com