Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE16M31 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 64Page - STMicroelectronics STMPE16M31 Datasheet HTML 65Page - STMicroelectronics STMPE16M31 Datasheet HTML 66Page - STMicroelectronics STMPE16M31 Datasheet HTML 67Page - STMicroelectronics STMPE16M31 Datasheet HTML 68Page - STMicroelectronics STMPE16M31 Datasheet HTML 69Page - STMicroelectronics STMPE16M31 Datasheet HTML 70Page - STMicroelectronics STMPE16M31 Datasheet HTML 71Page - STMicroelectronics STMPE16M31 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
Touchkey controller
STMPE16M31, STMPE24M31
68/85
Doc ID 16174 Rev 4
Bit 15-8 (0x93 for KFGROUP-1, 0x97 for KFGROUP-2)
Bit 23-16 (0x94 for KFGROUP-1, 0x98 for KFGROUP-2)
KEY_FILT_DATA
Key filter data register
Address:
0x9A-0x9C
Type:
RW
Reset:
0x000000
Description:
Represent the status of (touch/no-touch), after being filtered by key filter unit. This
register is always active and key status can be accessed from this register regardless
of key filter unit activity.
Bit 7-0 (0x9A)
Bit 15-8 (0x9B)
76
543
210
S15
S14
S13
S12
S11
S10
S9
S8
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
S23
S22
S21
S20
S19
S18
S17
S16
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[23:0] S-X
Write ‘1’ to include the corresponding channel in a group of Key Filter Unit
76
543
210
S7
S6
S5
S4
S3
S2
S1
S0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
S15
S14
S13
S12
S11
S10
S9
S8
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com