Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE16M31 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 23Page - STMicroelectronics STMPE16M31 Datasheet HTML 24Page - STMicroelectronics STMPE16M31 Datasheet HTML 25Page - STMicroelectronics STMPE16M31 Datasheet HTML 26Page - STMicroelectronics STMPE16M31 Datasheet HTML 27Page - STMicroelectronics STMPE16M31 Datasheet HTML 28Page - STMicroelectronics STMPE16M31 Datasheet HTML 29Page - STMicroelectronics STMPE16M31 Datasheet HTML 30Page - STMicroelectronics STMPE16M31 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
STMPE16M31, STMPE24M31
System controller
Doc ID 16174 Rev 4
27/85
INT_STA
Interrupt status register
Address:
0x08
Type:
R/W
Reset:
0x00
Description:
This register holds interrupt status from each event.
76
543
210
GPIO
PWM
WAKEUP
ENV
EOC
TOUCH
RE2
RE1
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7] GPIO: Activity in GPIO
Read ‘1’ if GPIO event occurs
Write ‘1’ to clear the interrupt status
[6] PWM: Any channel of PWM has completed the programmed sequence
Read ‘1’ if PWM event occurs
Write ‘1’ to clear the interrupt status
[5] Device wake up from SLEEP or HIBERNATE mode
Read ‘1’ if wake-up event occurs
Write ‘1’ to clear the interrupt status
[4] ENV: Possible drastic/abnormal environmental changes that requires attention from system
software. This event includes ‘calibration stuck’ and ‘tuning out of range’. If this bit is set, it is
recommended that the host software initiates an unconditional calibration.
Read ‘1’ if the events occur
Write ‘1’ to clear the interrupt status
[3] EOC: End of calibration
Read ‘1’ if the host-triggered calibration has completed
Write ‘1’ to clear the interrupt status
[2] TOUCH: Touch-key event
Read ‘1’ if touch is detected
Write ‘1’ to clear the interrupt status
[1] RE2: Ratio engine 2 event
Read ‘1’ if ratio engine 2 detects a touch or data is ready
Write ‘1’ to clear the interrupt status
[0] RE1: Ratio engine 1 event
Read ‘1’ if ratio engine 1 detects a touch or data is ready
Write ‘1’ to clear the interrupt status
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com