Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE16M31 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 11Page - STMicroelectronics STMPE16M31 Datasheet HTML 12Page - STMicroelectronics STMPE16M31 Datasheet HTML 13Page - STMicroelectronics STMPE16M31 Datasheet HTML 14Page - STMicroelectronics STMPE16M31 Datasheet HTML 15Page - STMicroelectronics STMPE16M31 Datasheet HTML 16Page - STMicroelectronics STMPE16M31 Datasheet HTML 17Page - STMicroelectronics STMPE16M31 Datasheet HTML 18Page - STMicroelectronics STMPE16M31 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
STMPE16M31, STMPE24M31
Read operations
Doc ID 16174 Rev 4
15/85
3
Read operations
Read operations for one or more bytes
A write is first performed to load the base register address into the address counter but
without sending a Stop condition. Then, the bus master sends a reStart condition and
repeats the Device Address with the R/W bit set to 1. The slave device acknowledges and
outputs the content of the addressed byte. If no more data is to be read, the bus master
must not acknowledge the byte and terminates the transfer with a Stop condition.
If the bus master acknowledges the data byte, then it can continue to perform the data
reading. To terminate the stream of data byte, the bus master must not acknowledge the last
output byte and follow by a Stop condition. The data fetched are from consecutive
addresses. After the last memory address, the Address Counter 'rolls-over' and the device
continue to output data from the memory address of 0x00.
Acknowledgement in read operation
For the above read command, the slave device waits, after each byte read, for an
acknowledgement during the 9th bit time. If the bus master does not drive the SDA to low
state (no acknowledgement by the master), then the slave device terminates and switches
back to its idle mode, waiting for the next command.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com