Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE16M31 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 62Page - STMicroelectronics STMPE16M31 Datasheet HTML 63Page - STMicroelectronics STMPE16M31 Datasheet HTML 64Page - STMicroelectronics STMPE16M31 Datasheet HTML 65Page - STMicroelectronics STMPE16M31 Datasheet HTML 66Page - STMicroelectronics STMPE16M31 Datasheet HTML 67Page - STMicroelectronics STMPE16M31 Datasheet HTML 68Page - STMicroelectronics STMPE16M31 Datasheet HTML 69Page - STMicroelectronics STMPE16M31 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
Touchkey controller
STMPE16M31, STMPE24M31
66/85
Doc ID 16174 Rev 4
14
Touchkey controller
The touchkey controller processes raw capacitance measurement data into “touch/no-
touch” boolean data for easy usage. The 2 key filter units provides additional flexibility by
allowing the system to define a maximum number of keys that could be detected and
considered active, based on the amount of impedance change detected.
Figure 19.
Data flow in touchkey controller
Table 16.
Touchkey controller registers
Address
Register name
Reset value
R/W
Description
0x90
KEY_FILT_CTRL
0x00
R/W
General key filter control
0x92
KEY_FILT_GROUP1
0x00000000
R/W
Define channels included in key
filter group 1
0x96
KEY_FILT_GROUP2
0x00000000
R/W
Define channels included in key
filter group 2
0x9A
KEY_FILT_DATA
0x00000000
R
Filtered touchkey data
0xB4
TOUCH_DET
0x00000000
R
Touch detection register
(real time)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com