Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6706 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 1 Page - STMicroelectronics

  L6706 Datasheet HTML 1Page - STMicroelectronics L6706 Datasheet HTML 2Page - STMicroelectronics L6706 Datasheet HTML 3Page - STMicroelectronics L6706 Datasheet HTML 4Page - STMicroelectronics L6706 Datasheet HTML 5Page - STMicroelectronics L6706 Datasheet HTML 6Page - STMicroelectronics L6706 Datasheet HTML 7Page - STMicroelectronics L6706 Datasheet HTML 8Page - STMicroelectronics L6706 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
January 2010
Doc ID 15698 Rev 2
1/47
47
L6706
VR11.1 single phase controller with integrated driver
Features
8-bit programmable output up to 1.60000 V -
Intel® VR11.1 DAC
High current embedded driver
High output voltage accuracy
Programmable droop function
Imon output
Load transient boost LTB Technology™ to
minimize the number of output capacitors
Full differential current sense across inductor
Differential remote voltage sensing
Adjustable voltage offset
LSLess startup to manage pre-biased output
Feedback disconnection protection
Preliminary overvoltage protection
Programmable overcurrent protection
Programmable overvoltage protection
Adjustable switching frequency
SSEND and OUTEN signal
VFQFPN-40 6x6 mm package with exp. pad
Applications
VTT and VAXG rails
CPU power supply
High density DC/DC converters
Description
The device implements a single phase step-down
controller with integrated high current driver in a
compact 6x6 mm body package with exposed
pad.
The device embeds VR11.x DACs: the output
voltage ranges up to 1.60000 V managing D-VID
with high output voltage accuracy over line and
temperature variations.
Imon capability guarantee full compatibility with
VR11.1 enabling additional power saving
technique.
Programmable droop function allows to supply all
the latest Intel CPU rails.
Load transient boost LTB Technology™ reduces
system cost by providing the fastest response to
load transition.
The controller assures fast protection against load
over current and under / over voltage. Feedback
disconnection prevents from damaging the load in
case of disconnections in the system board.
In case of over-current, the system works in
constant current mode until UVP.
VFQFPN-40 6 x 6 mm
Table 1.
Device summary
Order codes
Package
Packing
L6706
VFQFPN-40
Tray
L6706TR
Tape and reel
www.st.com


Similar Part No. - L6706

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6701 STMICROELECTRONICS-L6701 Datasheet
554Kb / 44P
3 Phase Controller for VR10, VR9 and K8 CPUs
13-Dec-2005
L6701TR STMICROELECTRONICS-L6701TR Datasheet
554Kb / 44P
3 Phase Controller for VR10, VR9 and K8 CPUs
13-Dec-2005
More results

Similar Description - L6706

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
High accuracy, variable output, low voltage operation shunt regulator
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
Micropower, High Accuracy Voltage References
REV. B
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Rohm
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
High output voltage accuracy
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
Output voltage accuracy
Rev. 0
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com