Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6706 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 36Page - STMicroelectronics L6706 Datasheet HTML 37Page - STMicroelectronics L6706 Datasheet HTML 38Page - STMicroelectronics L6706 Datasheet HTML 39Page - STMicroelectronics L6706 Datasheet HTML 40Page - STMicroelectronics L6706 Datasheet HTML 41Page - STMicroelectronics L6706 Datasheet HTML 42Page - STMicroelectronics L6706 Datasheet HTML 43Page - STMicroelectronics L6706 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
System control loop compensation
L6706
40/47
Doc ID 15698 Rev 2
18
System control loop compensation
The control loop is an average current mode control loop (see Figure 5): the output voltage
is equal to the reference programmed by VID minus the droop function terms.
The system control loop is reported in Figure 24. The current information IDROOP sourced by
the FB pin flows into RFB implementing the dependence of the output voltage from the read
current.
Figure 23.
Main control loop
The control loop gain results (obtained opening the loop after the COMP pin):
Where:
DCR is the Inductor parasitic resistance;
is the equivalent output resistance determined by the droop function;
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR) and the
applied load RO;
ZF (s) is the compensation network impedance;
ZL (s) is the inductor impedance;
A (s) is the error amplifier gain;
is the PWM transfer function where
ΔV
OSC is the oscillator ramp amplitude
and has a typical value of 1.5 V.
Removing the dependence from the error amplifier gain, so assuming this gain high enough,
and with further simplifications, the control loop gain results:
The system control loop gain (see Figure 23) is designed in order to obtain a high DC gain
to minimize static error and to cross the 0dB axes with a constant -20 dB/dec slope with the
L
PWM
VREF
ERROR AMPLIFIER
COMP
FB
ZF(s)
ZFB(s)
IDROOP
COUT
ROUT
G
LOOP s
()
PWM Z
F s
() R
DROOP
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
+
-------------------------------------------------------------------------------------------------------------------
=
R
DROOP
DCR
Rg
------------- R
FB
=
PWM
3
5
---
V
IN
ΔV
OSC
-------------------
=
G
LOOP
s
()
3
5
----
V
IN
ΔV
OSC
----------------------
Z
F
s
()
R
FB
---------------
R
O
R
DROOP
+
R
O
R
L
+
--------------------------------------------
1s C
O
R
DROOP
//R
O
ESR
+
()
⋅⋅
+
s
2
C
O
L
⋅⋅
s
L
R
O
---------
C
O
ESR
C
O
R
L
++
1
+
+
--------------------------------------------------------------------------------------------------------------------------------
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com