Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6706 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 20Page - STMicroelectronics L6706 Datasheet HTML 21Page - STMicroelectronics L6706 Datasheet HTML 22Page - STMicroelectronics L6706 Datasheet HTML 23Page - STMicroelectronics L6706 Datasheet HTML 24Page - STMicroelectronics L6706 Datasheet HTML 25Page - STMicroelectronics L6706 Datasheet HTML 26Page - STMicroelectronics L6706 Datasheet HTML 27Page - STMicroelectronics L6706 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Output current monitoring (IMON)
L6706
24/47
Doc ID 15698 Rev 2
10
Output current monitoring (IMON)
The device sources from IMON pin a current proportional to the load current (the sourced
current is a copy of droop current).
Connect IMON pin through a RIMON resistor to remote ground (GND Core) to implement a
load indicator, as shown in Figure 9.
As INTEL VR11.1 specification required, on the IMON voltage as to be added a small
positive offset to avoid under-estimation of the output load (due to elements accuracy).
The voltage across IMON pin is given by the following formula:
where:
The IMON pin voltage is clamped to 1.100 V max to preserve the CPU from excessive
voltages as INTEL VR11.1 specification required.
Figure 9.
Output monitoring connection (left) and thermal compensation (right)
Current sense element (DCR inductor) has a non-negligible temperature variation. As a
consequence, the sensed current is subjected to a measurement error that causes the
monitoring voltage to vary accordingly.
To recover from this temperature related error, NTC resistor can be added into monitoring
network, as shown in Figure 9.
The monitoring voltage is then driven by the following relationship (neglecting the offset term
for simplicity):
where now the RIMON is the equivalent monitoring resistor and it depends on the
temperature through NTC resistor.
Considering the relationships between IDROOP and the IOUT, the voltage results:
V
MONITORING
R
IMON
R
OS
R
IMON
R
OS
+
----------------------------------- I
DROOP
V
REF
R
IMON
R
IMON
R
OS
+
-----------------------------------
+
=
I
DROOP
DCR
Rg
------------- I
OUT
=
I
DROOP
IMON
To GND_core
(Remote Sense)
NTC
R1
R3
R2
CIMON
VREF = +3V3
RIMON_OS
RIMON
To CPU
I
DROOP
IMON
To GND_core
(Remote Sense)
CIMON
VREF = +3V3
RIMON_OS
RIMON
To CPU
V
MONITORING
R
IMON
R
OS
R
IMON
R
OS
+
----------------------------------- I
DROOP
R
IMON
R
OS
R
IMON
R
OS
+
-----------------------------------
DCR
Rg
------------- I
OUT
⋅⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com