Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6706 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 38Page - STMicroelectronics L6706 Datasheet HTML 39Page - STMicroelectronics L6706 Datasheet HTML 40Page - STMicroelectronics L6706 Datasheet HTML 41Page - STMicroelectronics L6706 Datasheet HTML 42Page - STMicroelectronics L6706 Datasheet HTML 43Page - STMicroelectronics L6706 Datasheet HTML 44Page - STMicroelectronics L6706 Datasheet HTML 45Page - STMicroelectronics L6706 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Power dissipation
L6706
42/47
Doc ID 15698 Rev 2
19
Power dissipation
L6706 embeds high current MOSFET drivers for both high side and low side MOSFETs: it is
then important to consider the power the device is going to dissipate in driving them in order
to avoid overcoming the maximum junction operative temperature.
Exposed pad needs to be soldered to the PCB power ground plane through several VIAs in
order to facilitate the heat dissipation.
Two main terms contribute in the device power dissipation: bias power and drivers' power.
The first one (PDC) depends on the static consumption of the device through the supply pins
and it is simply quantifiable as follow (assuming to supply HS and LS drivers with the same
VCC of the device):
Drivers' power is the power needed by the driver to continuously switch on and off the
external MOSFETs; it is a function of the switching frequency and total gate charge of the
selected MOSFETs. It can be quantified considering that the total power PSW dissipated to
switch the MOSFETs (easy calculable) is dissipated by three main factors: external gate
resistance (when present), intrinsic MOSFET resistance and intrinsic driver resistance. This
last term is the important one to be determined to calculate the device power dissipation.
The total power dissipated to switch the MOSFETs results:
External gate resistors helps the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor
resulting in a general cooling of the device. When driving multiple MOSFETs in parallel, it is
suggested to use one gate resistor for each MOSFET.
Figure 25.
L6706 dissipated power (quiescent + switching)
P
DC
V
CC
I
CC
I
CCDR
I
BOOT
++
()
=
P
SW
F
SW
Q
GHS
V
BOOT
Q
GLS
V
CCDR
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com