Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6706 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 13Page - STMicroelectronics L6706 Datasheet HTML 14Page - STMicroelectronics L6706 Datasheet HTML 15Page - STMicroelectronics L6706 Datasheet HTML 16Page - STMicroelectronics L6706 Datasheet HTML 17Page - STMicroelectronics L6706 Datasheet HTML 18Page - STMicroelectronics L6706 Datasheet HTML 19Page - STMicroelectronics L6706 Datasheet HTML 20Page - STMicroelectronics L6706 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
L6706
DAC and current reading
Doc ID 15698 Rev 2
17/47
6
DAC and current reading
L6706 embeds VRD11.x DAC (see Table 7) that allows to regulate the output voltage with a
tolerance of ±0.5% recovering from offsets and manufacturing variations.
The device automatically introduces a -19 mV (both VRD11.x) offset to the regulated
voltage in order to avoid any external offset circuitry to worsen the guaranteed accuracy
and, as a consequence, the calculated system TOB.
Output voltage is programmed through the VID pins: they are inputs of an internal DAC that
is realized by means of a series of resistors providing a partition of the internal voltage
reference. The VID code drives a multiplexer that selects a voltage on a precise point of the
divider. The DAC output is delivered to an amplifier obtaining the voltage reference (i.e. the
set-point of the error amplifier, VREF).
L6706 embeds a flexible, fully-differential current sense circuitry that is able to read across
inductor parasitic resistance or across a sense resistor placed in series to the inductor
element. The fully-differential current reading rejects noise and allows placing sensing
element in different locations without affecting the measurement's accuracy.
Reading current across the inductor DCR, the current flowing trough phase is read using the
voltage drop across the output inductor or across a sense resistor in its series and internally
converted into a current. The trans-conductance ratio is issued by the external resistor Rg
placed outside the chip between CS- pin toward the reading points.
The current sense circuit always tracks the current information, no bias current is sourced
from the CS+ pin: this pin is used as a reference keeping the CS- pin to this voltage. To
correctly reproduce the inductor current an R-C filtering network must be introduced in
parallel to the sensing element.
The current that flows from the CS- pin is then given by the following equation (see
Figure 4):
Where IPHASE is the current carried by the relative phase.
Figure 4.
Current reading connections
Considering now to match the time constant between the inductor and the R-C filter applied
(Time constant mismatches cause the introduction of poles into the current reading network
I
CS-
DCR
Rg
-------------
1s LDCR
()
+
1s R C
⋅⋅
+
------------------------------------------- I
PHASE
=
L
CS+
CS-
PHASE
DCR
R
C
Rg
I
PHASEx
Inductor DCR Current Sense
ICS-=IINFO
NO Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com