Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6706 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 6Page - STMicroelectronics L6706 Datasheet HTML 7Page - STMicroelectronics L6706 Datasheet HTML 8Page - STMicroelectronics L6706 Datasheet HTML 9Page - STMicroelectronics L6706 Datasheet HTML 10Page - STMicroelectronics L6706 Datasheet HTML 11Page - STMicroelectronics L6706 Datasheet HTML 12Page - STMicroelectronics L6706 Datasheet HTML 13Page - STMicroelectronics L6706 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Electrical specifications
L6706
10/47
Doc ID 15698 Rev 2
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC, VCCDR
To PGND
15
V
VBOOT-
VPHASE
Boot voltage
15
V
VUGATE-
VPHASE
15
V
LGATE to PGND
-0.3 to Vcc+0.3
V
All other pins to PGND
-0.3 to 3.6
V
VPHASE
Negative peak voltage to PGND; T < 400 ns
VCC = VCCDR = 12 V
-8
V
Positive voltage to PGND
VCC = VCCDR = 12 V
26
V
Positive peak voltage to PGND; T < 200 ns
VCC = VCCDR = 12 V
30
V
Maximum withstanding voltage range test condition:
CDF-AEC-Q100-002- “human body model”
acceptance criteria: “normal performance”
+/- 1750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com