Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3244ME Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 4Page - STMicroelectronics ST6G3244ME Datasheet HTML 5Page - STMicroelectronics ST6G3244ME Datasheet HTML 6Page - STMicroelectronics ST6G3244ME Datasheet HTML 7Page - STMicroelectronics ST6G3244ME Datasheet HTML 8Page - STMicroelectronics ST6G3244ME Datasheet HTML 9Page - STMicroelectronics ST6G3244ME Datasheet HTML 10Page - STMicroelectronics ST6G3244ME Datasheet HTML 11Page - STMicroelectronics ST6G3244ME Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Functional description
ST6G3244ME
8/27
Doc ID 022157 Rev 2
Figure 2.
Block diagram
EN
VCCA
VCCA
REN
500 kΩ
VCCB
A
VBAT
REF
TSD
UVLO
15 kV
VCCB OUT
CMD.dir
CMD.h
CMDB
VCCB
15 kΩ
R9
15 kV
CLK.h
CLKB
15 kV
CLK-f
VCCA
DAT0.dir
DAT0.h
DAT0B
VCCB
70 kΩ
R10
15 kV
DAT123.dir
DAT1.h
DAT1B
VCCB
70 kΩ
R11
15 kV
DAT2.h
DAT2B
VCCB
70 kΩ
R12
15 kV
DAT3.h
DAT3B
470 kΩ
R7
15 kV
VCCA
100 kΩ
R14
WP
VCCA
100 kΩ
R13
CD
15 kV
15 kV
GND
LDO
EMI
filters
Level translator
SEL
RSEL
500 kΩ
RPD
130 Ω
VCCB
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
R, C
AM04956v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com