Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3244ME Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 4 Page - STMicroelectronics

  ST6G3244ME Datasheet HTML 1Page - STMicroelectronics ST6G3244ME Datasheet HTML 2Page - STMicroelectronics ST6G3244ME Datasheet HTML 3Page - STMicroelectronics ST6G3244ME Datasheet HTML 4Page - STMicroelectronics ST6G3244ME Datasheet HTML 5Page - STMicroelectronics ST6G3244ME Datasheet HTML 6Page - STMicroelectronics ST6G3244ME Datasheet HTML 7Page - STMicroelectronics ST6G3244ME Datasheet HTML 8Page - STMicroelectronics ST6G3244ME Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
List of figures
ST6G3244ME
4/27
Doc ID 022157 Rev 2
List of figures
Figure 1.
Pin connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Typical application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Circuit diagram of ST6G3244ME (without LDO). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Symbol definitions of tPLH, tPHL, tr and tf for AC characteristics . . . . . . . . . . . . . . . . . . . . . 15
Figure 6.
Test circuit from host to SD Card . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
Test circuit from SD Card to host . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 8.
Example of measurement of tSKEW (SD Card to host) from rising edge CLK.h . . . . . . . . . 17
Figure 9.
Example of measurement of tSKEW for read mode from rising edge CLK.h . . . . . . . . . . . . 18
Figure 10.
Low drop-out voltage regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11.
Package outline for Flip Chip 25 (2 mm x 2 mm x 0.605 mm, 0.4 mm pitch) . . . . . . . . . . . 23
Figure 12.
Footprint recommendation for Flip Chip 25 (2 mm x 2 mm x 0.605 mm,
0.4 mm pitch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 13.
Pin 1 orientation in tape . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com