Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3244ME Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 6Page - STMicroelectronics ST6G3244ME Datasheet HTML 7Page - STMicroelectronics ST6G3244ME Datasheet HTML 8Page - STMicroelectronics ST6G3244ME Datasheet HTML 9Page - STMicroelectronics ST6G3244ME Datasheet HTML 10Page - STMicroelectronics ST6G3244ME Datasheet HTML 11Page - STMicroelectronics ST6G3244ME Datasheet HTML 12Page - STMicroelectronics ST6G3244ME Datasheet HTML 13Page - STMicroelectronics ST6G3244ME Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Maximum ratings
ST6G3244ME
10/27
Doc ID 022157 Rev 2
3
Maximum ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in Table 5: Recommended
operating conditions of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TJMAX
Maximum junction temperature
150
°C
RTH(J-A)
(1)
Thermal resistance from junction to ambient
(board: epoxy FR4, e(CU) = 40 µm, 4 layers)
64
°C/W
PDMAX
Maximum power dissipation:
PDMAX = (TJMAX - TAMAX)/RTH(J-A)
1W
TSTG
Storage temperature range
–55 to 150
°C
VCCA
Power supply
–0.3 to 4.6
V
VBAT
Battery power supply
–0.3 to 5.5
V
VIO
CMDB, CLKB, DAT0B, DAT1B, DAT2B, DAT3B
–0.3 to VCCB + 0.3
V
VCCA, SEL, EN
–0.3 to 4.6
CMD.dir, CMD.h, CLK.h, CLK-f, DAT0.dir, DAT0.h, DAT123.dir, DAT1.h,
DAT2.h, DAT3.h, WP, CD
–0.3 to VCCA + 0.3
ESD
A-side (host CPU), all pins:
VCCA, EN, SEL, DAT123.dir,
CMD.dir, CMD.h, CLK.h, CLK-f,
DAT0.dir, DAT0.h, DAT1.h,
DAT2.h, DAT3.h, VBAT
HBM
JEDEC 22-A114
±2kV
MM
JEDEC 22-A115
±200
V
B-side (SD Card), external pins:
CMDB, CLKB, DAT0B, DAT1B,
DAT2B, DAT3B, WP, CD,
VCCB_OUT
Air discharge
IEC61000-4-2
±15
kV
Contact discharge
IEC61000-4-2
±8
kV
1.
The thermal resistance depends on the printed circuit board layout. To dissipate the heat efficiently away from the Flip-Chip
bumps, it is recommended to make the copper planes as large as possible and consider using thermal vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com