Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3244ME Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 3 Page - STMicroelectronics

  ST6G3244ME Datasheet HTML 1Page - STMicroelectronics ST6G3244ME Datasheet HTML 2Page - STMicroelectronics ST6G3244ME Datasheet HTML 3Page - STMicroelectronics ST6G3244ME Datasheet HTML 4Page - STMicroelectronics ST6G3244ME Datasheet HTML 5Page - STMicroelectronics ST6G3244ME Datasheet HTML 6Page - STMicroelectronics ST6G3244ME Datasheet HTML 7Page - STMicroelectronics ST6G3244ME Datasheet HTML 8Page - STMicroelectronics ST6G3244ME Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ST6G3244ME
List of tables
Doc ID 022157 Rev 2
3/27
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
Direction control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 4.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5.
Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 6.
Current levels under recommended operating conditions (TA = –40 °C to 85 °C) . . . . . . . 11
Table 7.
Components . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 8.
EMI filter attenuation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 9.
DC voltage levels on host CPU side (TA = –40 °C to 85 °C) . . . . . . . . . . . . . . . . . . . . . . . 14
Table 10.
DC voltage levels on SD Card side (TA = –40 °C to 85 °C) . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 11.
Leakage and short-circuit currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 12.
AC characteristics (TA = –40 °C to 85 °C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 13.
VCCB selection (B-side power supply voltage), EN pin control . . . . . . . . . . . . . . . . . . . . . . 19
Table 14.
LDO static parameters (VEN = VCCA unless otherwise specified). . . . . . . . . . . . . . . . . . . . 20
Table 15.
LDO dynamic parameters (VEN = VCCA unless otherwise specified) . . . . . . . . . . . . . . . . . 20
Table 16.
Package mechanical data for Flip Chip 25 (2 mm x 2 mm x 0.605 mm,
0.4 mm pitch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 17.
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com