Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6G3244ME Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 1 Page - STMicroelectronics

  ST6G3244ME Datasheet HTML 1Page - STMicroelectronics ST6G3244ME Datasheet HTML 2Page - STMicroelectronics ST6G3244ME Datasheet HTML 3Page - STMicroelectronics ST6G3244ME Datasheet HTML 4Page - STMicroelectronics ST6G3244ME Datasheet HTML 5Page - STMicroelectronics ST6G3244ME Datasheet HTML 6Page - STMicroelectronics ST6G3244ME Datasheet HTML 7Page - STMicroelectronics ST6G3244ME Datasheet HTML 8Page - STMicroelectronics ST6G3244ME Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
November 2011
Doc ID 022157 Rev 2
1/27
1
ST6G3244ME
Level translator for SD, SDIO, mini SD, and micro SD Cards
with internal I/O supply and ±15 kV ESD protection
Features
Supports 60 MHz clock rate
Supports DDR mode for SD Card™
Compliant with
– SD Specification Part 1 Physical Layer
Specification 3.00 (SDR12, SDR25,
DDR50)
– SD Specification Part 1 Physical Layer
Specification 2.00
Bi-directional with direction control pin
Balanced propagation delays: tPLH ≈ tPHL
LDO power-down support. When the LDO is
powered down, VCCB is pulled to GND via
the 130
Ω resistor. When VCCB = 0 V, there is
no additional leakage seen on VCCA.
EMI filtering and signal conditioning
Supports both 1.8 V and 2.9 V data translation
on card side
Integrated LDO to supply 1.8 V or 2.9 V power
for B-side I/Os (pin-selectable); can be used
also externally
Integrated pull-up and pull-down resistors on
B-side
Operating voltage range
–VCCA = 1.62 V to 1.98 V
–VBAT = 3.0 V to 5.0 V
Latch-up performance exceeds 100 mA
(JEDEC Standard 78)
ESD protection for card side (B-port, CD and
WP pins)
– ±8 kV contact discharge (IEC61000-4-2)
– ±15 kV air-gap discharge (IEC61000-4-2)
ESD protection for host side (A-side)
– ±2 kV HBM (JEDEC 22-A114)
– ±200 V MM (JEDEC 22-A115)
Operating temperature range –40 °C to +85 °C
Space-saving Flip Chip 25 package
(2 x 2 x 0.605 mm, 0.4 mm bump pitch)
RoHS compliant, lead-free soldering capable
Applications
Mobile phones, smartphones
PDAs
Cameras
SD Card readers
Any device with SD memory card
Table 1.
Device summary
Order code
Package
Packing
Package
topmark
ST6G3244MEBJR
Flip Chip 25
2 x 2 x
0.605 mm,
0.4 mm
bump pitch
Tape
and reel
(5000
parts per
reel)
VKH,
VKV
Flip Chip 25
www.st.com


Similar Part No. - ST6G3244ME

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
ST6G3240TBR STMICROELECTRONICS-ST6G3240TBR Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
More results

Similar Description - ST6G3244ME

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
SD/SDIO and MMC Two-Port Multiplexer
logo
STMicroelectronics
EMIF06-MSD01F2 STMICROELECTRONICS-EMIF06-MSD01F2 Datasheet
190Kb / 7P
IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
02-Feb-2007
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
Mini and micro-SD card IPAD??EMI filtering and ESD protection
12-Aug-2010
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
25-Apr-2014
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com