Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Datasheet(HTML) 1 Page - STMicroelectronics

  STV9936S Datasheet HTML 1Page - STMicroelectronics STV9936S Datasheet HTML 2Page - STMicroelectronics STV9936S Datasheet HTML 3Page - STMicroelectronics STV9936S Datasheet HTML 4Page - STMicroelectronics STV9936S Datasheet HTML 5Page - STMicroelectronics STV9936S Datasheet HTML 6Page - STMicroelectronics STV9936S Datasheet HTML 7Page - STMicroelectronics STV9936S Datasheet HTML 8Page - STMicroelectronics STV9936S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
September 2003
Version 3.3
1/48
STV9936P/S
120-MHz On-Screen Display for Monitors
with 4 True Independent Window Displays
®
Main Features
s Horizontal frequency up to 150 kHz
s On-chip Pixel Clock Generator from 7.68 MHz
to 120 MHz, without crystal oscillator
s 16-pin Narrow SO or DIP packages
s Programmable horizontal resolutions from
384 to 1524 dots per scan line
s 4 independent windows all with character
display
s Overlapping windows with automatic control
of display priorities and scrolling menu
effects
s Independent and programmable displays,
positions and sizes for each window
s Transparent or 8 programmable background
colors for each window
s Window size up to 16 rows of 32 characters
s Each window has its own bordering or
shadowing effects with programmable color,
height and width
s Each window can be separately erased
s Programmable common positioning to easily
control centered display
s 256 standard and 16 multi-color characters or
graphic fonts in ROM. Character fonts can be
customized using a mask-programmable
ROM
s Characters
q
Common character height and row space.
Character height from 18 to 127 lines and
space lines from 0 to 62 split above and below
character rows
q
12 x 18 dot matrix per character
q
Display of up to 704 characters
q
Programmable shadow/border effects for
characters in each separate window
q
32 programmable background, foreground,
blinking character colors for each character (8
possibilities per window)
q
8 selectable colors for standard characters
q
Transparent and 8 selectable colors for
background
s On-Screen Effects
q
Fade-in/Fade-out effects
q
Possibility of full-screen display with a
selectable color
s I²C interface for microcontrollers with slave
address BA(h) in Read and Write modes
PDIP16 (Plastic Dual In line Package)
ORDER CODE: STV9936P
SO16 Narrow (Plastic Micropackage)
ORDER CODE: STV9936S


Similar Part No. - STV9936S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9936S STMICROELECTRONICS-STV9936S Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
More results

Similar Description - STV9936S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Dec-1997
logo
Sanyo Semicon Device
LC74711 SANYO-LC74711 Datasheet
355Kb / 16P
Controller LSI for On-screen Displays
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
Window Comparator With Independent Adjustments
April 1998
logo
List of Unclassifed Man...
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
On-Screen-Display for LCD Monitor
logo
STMicroelectronics
STV9937 STMICROELECTRONICS-STV9937 Datasheet
441Kb / 49P
120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
On-Screen Display for LCD Monitor
logo
Rohm
BU2871FS ROHM-BU2871FS Datasheet
132Kb / 8P
On-screen display for VCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com