Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV9936S Datasheet HTML 16Page - STMicroelectronics STV9936S Datasheet HTML 17Page - STMicroelectronics STV9936S Datasheet HTML 18Page - STMicroelectronics STV9936S Datasheet HTML 19Page - STMicroelectronics STV9936S Datasheet HTML 20Page - STMicroelectronics STV9936S Datasheet HTML 21Page - STMicroelectronics STV9936S Datasheet HTML 22Page - STMicroelectronics STV9936S Datasheet HTML 23Page - STMicroelectronics STV9936S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Character Specifications
STV9936P/S
20/48
The range of the vertical height is from 18 to 127 lines.
CH[6:0] = Number of scan lines used to display the characters
The characters stored in ROM are coded on 18 lines. If bits CH[6:0] are programmed with a value
less than 18, the characters will be automatically displayed with a height of 18 scan lines (minimum
value).
When a multiple of 18 scan lines are displayed, all ROM lines are repeated N number of times, with
N in the range of 1 to 7, so as not to exceed the display of 127 scan lines. For example, if CH[6:0] =
36, each ROM line is repeated twice.
If the number of scan lines displayed is not a multiple of 18, certain ROM lines are repeated more
often than others, as shown in Table 21. For example, if CH[6:0] = 40, each ROM line is repeated
twice and ROM lines 3, 7, 10 and 14 are repeated three times.
Table 21 shows which ROM lines, from 0 to 17, are repeated depending on the CH[6:0] value.
4.4
Row Height (Space Lines)
The row height defines the number of scan lines above and below each character row. This value is
selected by bits RSPA[4:0]. The total row height is defined as follows:
Row_Height = Character_Height + 2 x Space_Lines (see Figure 8)
Table 21: Repeated ROM Lines1
1. ‘R’ = Repeated ROM lines
‘A’ = Number of additional repeated lines
CH Value
A
012
345
678
9
10
11
12
13
14
15
16
17
18, 36, 54, 72, 90, 108, 126
0
19, 37, 55, 73, 91, 109, 127
1
R
20, 38, 56, 74, 92 ,110,
2
R
R
21, 39, 57, 75, 93, 111
3
R
R
R
22, 40, 58, 76, 94, 112
4
R
R
R
R
23, 41, 59, 77, 95, 113
5
R
R
R
R
R
24, 42, 60, 78, 96, 114
6
RRRRRR
25, 43, 61, 79, 97, 115
7
R
R
R
R
R
R
R
26, 44, 62, 80, 98, 116
8
R
R
R
R
R
R
R
R
27, 45, 63, 81, 99, 117
9
R
R
R
R
R
R
R
R
R
28, 46 ,64, 82, 100, 118
10
R
R
R
R
R
R
R
R
R
R
29, 47, 65, 83, 101, 119
11
R
R
R
R
R
R
R
R
R
R
R
30, 48, 66, 84, 102, 120
12
R
R
R
R
R
R
R
R
R
R
R
R
31, 49, 67, 85, 103, 121
13
R
R
R
R
R
R
R
R
R
R
R
R
R
32, 50, 68, 86, 104, 122
14
R
R
R
R
R
R
R
R
R
R
R
R
R
R
33, 51, 69, 87, 105, 123
15
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
34, 52, 70, 88, 106, 124
16
RR
RRR
RRRR
RRR
RRR
R
35, 53, 71, 89, 107, 125
17
RR
RRR
RRRR
RRR
RRR
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com