Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936S Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV9936S Datasheet HTML 19Page - STMicroelectronics STV9936S Datasheet HTML 20Page - STMicroelectronics STV9936S Datasheet HTML 21Page - STMicroelectronics STV9936S Datasheet HTML 22Page - STMicroelectronics STV9936S Datasheet HTML 23Page - STMicroelectronics STV9936S Datasheet HTML 24Page - STMicroelectronics STV9936S Datasheet HTML 25Page - STMicroelectronics STV9936S Datasheet HTML 26Page - STMicroelectronics STV9936S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
23/48
STV9936P/S
Character Specifications
4.5.3
Character Blinking Effect
A character blinking effect can be programmed for each of the color boxes. This value is selected by
the BLINK bit. When this bit is set to 1, the blinking effect is enabled and the characters blink.
4.6
Multicolor Characters
16 multicolor characters can be separately programmed for each of the color-boxes. These special
characters are stored in the character font (see Figure 10) and are selected by bits MCOLOR[3:0].
MCOLOR[3] for Window 4
MCOLOR[2] for Window 3
MCOLOR[1] for Window 2
MCOLOR[0] for Window 1
If the MCOLOR bit is set to 0 for a specific color-box, the 256 monochrome ROM characters from
$00 to $FF are available (default value).
If the MCOLOR bit is set to 1, the 240 monochrome ROM characters from $00 to $EF and the 16
multicolor characters from $F0 to $FF are available.
No shadowing effects on multicolor characters.
No background effects on multicolor characters.
Blinking on multicolor characters: background color coded in the associated color-box.
4.7
Character Shadowing
A character shadowing effect can be separately programmed for each of the four color-boxes. This
value is selected by bits CSHA[3:0], respectively. The shadowing color is black.
When this bit is set to 1, the characters of the corresponding OSD window are displayed with a
shadowing effect, as shown in Figure 9. The default value is 0 (no shadowing effect).
Table 27: Multicolor Characters
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
08h
0h
MCOLOR[3:0]
Figure 9: Character Shadowing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com