Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936S Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV9936S Datasheet HTML 27Page - STMicroelectronics STV9936S Datasheet HTML 28Page - STMicroelectronics STV9936S Datasheet HTML 29Page - STMicroelectronics STV9936S Datasheet HTML 30Page - STMicroelectronics STV9936S Datasheet HTML 31Page - STMicroelectronics STV9936S Datasheet HTML 32Page - STMicroelectronics STV9936S Datasheet HTML 33Page - STMicroelectronics STV9936S Datasheet HTML 34Page - STMicroelectronics STV9936S Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
31/48
STV9936P/S
Pixel Clock Generator
6
Pixel Clock Generator
The Pixel Clock Generator is used to synchronize the display clock with the horizontal flyback
(HFLY) signal. This generator is based on a PLL function used to perform correct jitter. The pixel
frequency is defined with the horizontal line frequency and the horizontal resolution.
Pixel Frequency (fPIXEL) = 12 x HR[6:0] x fHLINE
The VCO[1:0] value is used to select the appropriate curve partition of the VCO.
Table 34: VCO Curve Partition
VCO Value (Binary)
VCO Curve Partition
00
7.68 MHz < HPIXEL < 15 MHz (Default Value)
01
15
MHz < HPIXEL < 30 MHz
10
30
MHz < HPIXEL < 60 MHz
11
60
MHz < HPIXEL < 120 MHz
Table 35: VCO Range
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
00h
0h
VCO[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com