Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936S Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV9936S Datasheet HTML 17Page - STMicroelectronics STV9936S Datasheet HTML 18Page - STMicroelectronics STV9936S Datasheet HTML 19Page - STMicroelectronics STV9936S Datasheet HTML 20Page - STMicroelectronics STV9936S Datasheet HTML 21Page - STMicroelectronics STV9936S Datasheet HTML 22Page - STMicroelectronics STV9936S Datasheet HTML 23Page - STMicroelectronics STV9936S Datasheet HTML 24Page - STMicroelectronics STV9936S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21/48
STV9936P/S
Character Specifications
The range of spacing lines for the row height is from 0 to 31 scan lines, in steps of one scan line
each. Accordingly, the number of scan lines between each character row is multiplied by two; the
bottom space line of a given character row being added to the top space line of the following
character row. The default value is 0 scan lines.
The space lines are displayed in the color of the associated character background.
4.5
Character Colors
The colors for the characters, character background and blinking effect are separately
programmable for each OSD window. The color values are stored in a color-shop of 8 color-boxes
for each window. There are 4 color-shops, 1 per window, offering the user 32 possibilities of
character coloring.
As the color-boxes are in RAM, the user must write to the color-box prior to using it.
Color-box data is stored in Window 0, Row 2. For more information, refer to Section 2.4: Addressing
Map on page 11.
4.5.1
Character Background Color
A character background color can be separately programmed for each of the four color-boxes. This
value is selected by bits BC, BR, BG and BB.
Bit BC is used to define if a specific character background color will be displayed or if the character
background color is the color of the window background.
Table 22: Row Height (Space Lines)
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
03h
0h
RSPA[4:0]
Figure 8: Row Height Definition
Table 23: color-box
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
82h
00h to
1Fh
BC
BR
BG
BB
BLINK
FR
FG
FB
A B
Total Row Height
RSPA[4:0] Space Lines
CH[6:0] Character Height
RSPA[4:0] Space Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com