Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936S Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9936S Datasheet HTML 9Page - STMicroelectronics STV9936S Datasheet HTML 10Page - STMicroelectronics STV9936S Datasheet HTML 11Page - STMicroelectronics STV9936S Datasheet HTML 12Page - STMicroelectronics STV9936S Datasheet HTML 13Page - STMicroelectronics STV9936S Datasheet HTML 14Page - STMicroelectronics STV9936S Datasheet HTML 15Page - STMicroelectronics STV9936S Datasheet HTML 16Page - STMicroelectronics STV9936S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13/48
STV9936P/S
Window Specifications
3.1
Enable Display
The Enable Display command for each window is selected by bits ENW1, ENW2, ENW3 and
ENW4. If the ENWi bit is set to 1, the corresponding window is displayed.
3.2
Origin Positions for the 4 Windows
The 4 windows are arranged in a vertical frame whose origin coordinates are the horizontal delay
(HD) and the vertical delay (VD) located at the upper left-hand corner of the monitor screen. When
the HD and VD values are changed, the 4 windows within the frame position are automatically
shifted by the same value. The origin (HD, VD) can be programmed anywhere on the screen.
Adjusting the origin position is used to globally reposition the OSD windows.
The advantages of this system are easier programming, the possibility to adapt the position of all
windows at a single time without changing the relative position of each window and the possibility
for the user to program all 4 window positions.
3.2.1
General Horizontal Delay (HD)
The general horizontal delay defines the horizontal position of the origin coordinate for all four OSD
windows. The horizontal delay is selected by bits HD[6:0]. A general horizontal offset is also
applied:
General Horizontal Offset = 50 pixels
− Phase Error Detection Pulse Width (in pixels)
The range of the horizontal delay is from 50 to 812 pixels, in steps of 6 pixels each.
General Horizontal Delay = HD[6:0] x 6 pixels + General Offset (in pixels)
The default value is 0h (left-hand side of the monitor screen).
3.2.2
General Vertical Delay (VD)
The general vertical delay defines the vertical position of the origin coordinate for all four OSD
windows. The vertical delay is selected by bits VD[7:0]. A general vertical offset of 2 scan lines is
also applied.
Table 5: Enable Display
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
07h
0h
ENW4
ENW3
ENW2
ENW1
Table 6: Origin of Windows on Horizontal Axis: Horizontal Delay
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
04h
0h
HD[6:0]
Table 7: Origin of Windows on Vertical Axis: Vertical Delay
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
05h
0h
VD[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com