Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9936S Datasheet HTML 6Page - STMicroelectronics STV9936S Datasheet HTML 7Page - STMicroelectronics STV9936S Datasheet HTML 8Page - STMicroelectronics STV9936S Datasheet HTML 9Page - STMicroelectronics STV9936S Datasheet HTML 10Page - STMicroelectronics STV9936S Datasheet HTML 11Page - STMicroelectronics STV9936S Datasheet HTML 12Page - STMicroelectronics STV9936S Datasheet HTML 13Page - STMicroelectronics STV9936S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Register Addressing
STV9936P/S
10/48
1: Color Code
When reading or writing control data and/or color boxes, bit A must be set to 0. For Character
codes, A must be set to 1.
C[4:0]: Column Number
There are 32 possible columns.
00000: 1 column
11111: 32 columns
2.1.5
Control Data, Color Codes or Character Codes (D)
Color codes are stored on 3 bits. Control data and Character codes are stored on 8 bits.
2.1.6
Configuration of Transmission Formats
All formats must start with the S, FWR and FAC bytes.
All FAC values referred to in this datasheet correspond to transmission formats A or B.
2.2
Format Changing
To change from Format A to Format B
S-FWR[0]- FAC[0]-D[0]
→ FWR[1]- FAC[1]- D[1] → FWR[2]- FAC[2]- D[2] → FAC[3]- D[3] → FAC[4]-
D[4]
→ FAC[5]- D[5]...
The F bit from the FAC byte is always 0 in this case.
To change from Format A to Format C
S - FWR[0]- FAC[0]- D[0]
→ FWR[1]- FAC[1]- D[1] → FWR[2]- FAC[2]- D[2] → D[3] → D[4] → D[5]...
The “F” bit from the FAC byte is as follows:
F[0] = F[1] = “0”
F[2] = “1”
To change from Format B to Format A
S - FWR[0]- FAC[0]-D[0]
→ FAC[1]- D[1] → FAC[2]-D[2] → FWR[3]- FAC[3]- D[3] → FWR[4]- FAC[4]-
D[4]...
Table 3: Configuration of Transmission Formats
Byte
Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address bytes
for Characters
Codes
Windows & Rows
FWR
A, B or C
1
W[2:0]
R[3:0]
Column (A and B)
FAC
A or B
0
0
0
C[4:0]
Column (C)
FAC
C
0
1
0
C[4:0]
Address bytes
for Color Codes
Windows & Rows
FWR
A, B or C
1
W[2:0]
R[3:0]
Column (A and B)
FAC
A or B
0
0
1
C[4:0]
Column (C)
FAC
C
0
1
1
C[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com