Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NL17SG373 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SG373
Description  Low-Power D-Type Low-Power D-Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG373 Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SG373_18 Datasheet HTML 1Page - ON Semiconductor NL17SG373_18 Datasheet HTML 2Page - ON Semiconductor NL17SG373_18 Datasheet HTML 3Page - ON Semiconductor NL17SG373_18 Datasheet HTML 4Page - ON Semiconductor NL17SG373_18 Datasheet HTML 5Page - ON Semiconductor NL17SG373_18 Datasheet HTML 6Page - ON Semiconductor NL17SG373_18 Datasheet HTML 7Page - ON Semiconductor NL17SG373_18 Datasheet HTML 8Page - ON Semiconductor NL17SG373_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NL17SG373
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Condition
VCC (V)
TA = 25 5C
TA =
−55
5C to +1255C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
D to Q
CL = 10 pF,
RL = 1 MW
0.9
15.3
ns
1.1 to 1.3
6.3
12.3
1.0
14.4
1.4 to 1.6
4.4
8.1
1.0
9.4
1.65 to
1.95
3.6
6.2
0.5
6.7
2.3 to 2.7
2.6
3.9
0.5
4.4
3.0 to 3.6
2.1
3.1
0.5
3.7
CL = 15 pF,
RL = 1 MW
0.9
17.7
ns
1.1 to 1.3
7.1
13.6
1.0
15.6
1.4 to 1.6
5.0
9.2
1.0
10.4
1.65 to
1.95
4.1
6.9
1.0
7.1
2.3 to 2.7
2.9
4.4
0.5
5.0
3.0 to 3.6
2.4
3.4
0.5
3.9
CL = 30 pF,
RL = 1 MW
0.9
29
ns
1.1 to 1.3
9.3
17.3
1.0
21.2
1.4 to 1.6
6.4
11.6
1.0
12.6
1.65 to
1.95
5.3
9.1
1.0
9.6
2.3 to 2.7
4
5.7
1.0
6.1
3.0 to 3.6
3.3
4.4
1.0
4.8
tPLH,
tPHL
Propagation Delay,
LE to Q
CL = 10 pF,
RL = 1 MW
0.9
15.3
ns
1.1 to 1.3
6.3
12.3
1.0
14.4
1.4 to 1.6
4.4
8.1
1.0
9.4
1.65 to
1.95
3.6
6.2
0.5
6.7
2.3 to 2.7
2.6
3.9
0.5
4.4
3.0 to 3.6
2.1
3.1
0.5
3.7
CL = 15 pF,
RL = 1 MW
0.9
17.7
ns
1.1 to 1.3
7.1
13.6
1.0
15.6
1.4 to 1.6
5.0
9.2
1.0
10.4
1.65 to
1.95
4.1
6.9
1.0
7.1
2.3 to 2.7
2.9
4.4
0.5
5.0
3.0 to 3.6
2.4
3.4
0.5
3.9
CL = 30 pF,
RL = 1 MW
0.9
29
ns
1.1 to 1.3
9.3
17.3
1.0
21.2
1.4 to 1.6
6.4
11.6
1.0
12.6
1.65 to
1.95
5.3
9.1
1.0
9.6
2.3 to 2.7
4
5.7
1.0
6.1
3.0 to 3.6
3.3
4.4
1.0
4.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com